Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4028 Datasheet (PDF) - Renesas Technology Corp

2SK4028 Datasheet PDF - Renesas Technology Corp
Part # 2SK4028
Download  2SK4028 Download
File Size   263.95 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JUNCTION FIELD EFFECT TRANSISTOR

2SK4028 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4028 Datasheet PDF - Renesas Technology Corp

Part # 2SK4028
Download  2SK4028 Click to download

File Size   263.95 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description JUNCTION FIELD EFFECT TRANSISTOR

2SK4028 Datasheet (HTML) - Renesas Technology Corp


2SK4028 Product details

N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
FOR IMPEDANCE CONVERTER OF ECM

DESCRIPTION
The 2SK4028 is suitable for converter of ECM.
FEATURES
• High gain
−1.0 dB (VDD = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Low noise
−115 dB (VDD = 2.0 V, C = 5 pF, RL = 2.2 kΩ)
• Ultra thin thickness package
t = 0.3 mm TYP.




Similar Part No. - 2SK4028

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4028 NEC-2SK4028 Datasheet
130Kb / 5P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Similar Description - 2SK4028

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMT3823 MOTOROLA-MMT3823 Datasheet
40Kb / 1P
JUNCTION FIELD EFFECT TRANSISTOR
logo
NEC
2SK3230C NEC-2SK3230C Datasheet
133Kb / 5P
JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SK1109 RENESAS-2SK1109 Datasheet
178Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK660 RENESAS-2SK660 Datasheet
204Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK2552C RENESAS-2SK2552C Datasheet
308Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2007
2SK3230 RENESAS-2SK3230 Datasheet
274Kb / 10P
JUNCTION FIELD EFFECT TRANSISTOR
2002
2SK3230B RENESAS-2SK3230B Datasheet
239Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2004
2SK3653B RENESAS-2SK3653B Datasheet
294Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2004
2SK3653C RENESAS-2SK3653C Datasheet
277Kb / 7P
JUNCTION FIELD EFFECT TRANSISTOR
2007
2SK852 RENESAS-2SK852 Datasheet
325Kb / 6P
JUNCTION FIELD EFFECT TRANSISTOR
1987
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com