Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDLL4623-1 Datasheet (PDF) - Microsemi Corporation

CDLL4623-1 Datasheet PDF - Microsemi Corporation
Part # CDLL4623-1
Download  CDLL4623-1 Download
File Size   467.08 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes

CDLL4623-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDLL4623-1 Datasheet PDF - Microsemi Corporation

Part # CDLL4623-1
Download  CDLL4623-1 Click to download

File Size   467.08 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes

CDLL4623-1 Datasheet (HTML) - Microsemi Corporation


CDLL4623-1 Product details

DESCRIPTION
The 1N4099UR-1 through 1N4135UR-1 and 1N4614UR-1 through 1N4627UR-1 series are 500 mW, Zener voltage regulators in the surface mount, glass DO-213AA package. Voltages from 1.8 to 100V in 5%, 2%, and 1% tolerances are available. They are constructed with an internal metallurgical bond and are mil-qualified up to the JANS level for high reliability applications.

FEATURES
• Surface mount equivalent to JEDEC registered 1N4099 through 1N4135 and 1N4614 through 1N4627 series.
• Internal metallurgical bond.
• Max noise density 40 μV / √Hz for 6.8 V and up. Falls quickly to 1 μV / √Hz at lower voltages.
• JAN, JANTX, JANTXV and JANS qualifications are available per MIL-PRF-19500/435.
• This series is also available commercially with the CDLL prefix (CDLL4099-1 – CDLL4135-1 and CDLL4614-1 – CDLL4627-1). This CDLL prefix also replaces the MLL prefix on prior devices.
• RoHS compliant versions available (commercial grade only).

APPLICATIONS / BENEFITS
• Regulates voltage over broad ranges of current and temperature.
• Extensive selection from 1.8 to 100 volts.
• Voltage tolerances of 5% (standard), 2% and 1% are available.
• Hermetically sealed surface mount package.
• Non-sensitive to ESD per MIL-STD-750 method 1020.
• Minimal capacitance (see Figure 3).
• Inherently radiation hard as described in Microsemi MicroNote 050.




Similar Part No. - CDLL4623-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4623 CDI-DIODE-CDLL4623 Datasheet
109Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
logo
Microsemi Corporation
CDLL4623 MICROSEMI-CDLL4623 Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4623C MICROSEMI-CDLL4623C Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
CDLL4623D MICROSEMI-CDLL4623D Datasheet
122Kb / 2P
LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Similar Description - CDLL4623-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com