Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA9Z-S81B Datasheet (PDF) - IDEC Corporation

LA9Z-S81B Datasheet PDF - IDEC Corporation
Part # LA9Z-S81B
Download  LA9Z-S81B Download
File Size   3557.66 Kbytes
Page   14 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description A6 Series — Miniature Switches and Pilot Devices: 16mm

LA9Z-S81B Datasheet (PDF)

Go To PDF Page Download Datasheet
LA9Z-S81B Datasheet PDF - IDEC Corporation

Part # LA9Z-S81B
Download  LA9Z-S81B Click to download

File Size   3557.66 Kbytes
Page   14 Pages
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation
Description A6 Series — Miniature Switches and Pilot Devices: 16mm

LA9Z-S81B Datasheet (HTML) - IDEC Corporation


LA9Z-S81B Product details

Key features:
• 16mm (5/8”) mounting hole
• LED illumination
• Compact design saves space
• Momentary, Maintained, Selectors, and E-Stops
• Gold-clad Silver contacts for reliable low level switching
• Snap action contacts
• IP40 (dustproof) or IP65 (oiltight) versions




Similar Part No. - LA9Z-S81B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9200NM SANYO-LA9200NM Datasheet
415Kb / 18P
Analog Signal Processors for Compact Disc Players
LA9201M SANYO-LA9201M Datasheet
415Kb / 18P
Analog Signal Processors for Compact Disc Players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
Analog Signal Processor for CD Players
LA9210M SANYO-LA9210M Datasheet
97Kb / 1P
ASP (Analog Signal Processor) for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
ASP (Analog Signal Processor) for CD Players
More results


Similar Description - LA9Z-S81B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437569-0 MACOM-2-1437569-0 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-1 MACOM-2-1437569-1 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
2-1437569-2 MACOM-2-1437569-2 Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
List of Unclassifed Man...
AB6M-V1-R ETC2-AB6M-V1-R Datasheet
1Mb / 14P
A6 Series Miniature Switches and Pilot Devices 16mm
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
L6 Series Miniature Switches and Pilot Devices
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
Oiltight Switches Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
Oiltight Switches and Pilot Devices
logo
Tyco Electronics
COMMAND MACOM-COMMAND Datasheet
229Kb / 5P
Pushbutton Switches, 16mm, Illuminated
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com