Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC4429EPA Datasheet (PDF) - Microchip Technology

TC4429EPA Datasheet PDF - Microchip Technology
Part # TC4429EPA
Download  TC4429EPA Download
File Size   69.34 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A HIGH-SPEED MOSFET DRIVERS

TC4429EPA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4429EPA Datasheet PDF - Microchip Technology

Part # TC4429EPA
Download  TC4429EPA Click to download

File Size   69.34 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A HIGH-SPEED MOSFET DRIVERS

TC4429EPA Datasheet (HTML) - Microchip Technology


TC4429EPA Product details

FEATURES
 Latch-Up Protected ............ Will Withstand >1.5A
Reverse Output Current
 Logic Input Will Withstand Negative Swing Up
to 5V
 ESD Protected ..................................................... 4kV
 Matched Rise and Fall Times ...................... 25nsec
 High Peak Output Current ......................... 6A Peak
 Wide Operating Range .......................... 4.5V to 18V
 High Capacitive Load Drive ......................10,000pF
 Short Delay Time ................................. 55nsec Typ.
 Logic High Input, Any Voltage ............. 2.4V to VDD
 Low Supply Current With Logic "1" Input ... 450μA
 Low Output Impedance .................................... 2.5Ω
 Output Voltage Swing to Within 25mV of Ground
or VDD

APPLICATIONS
 Switch-Mode Power Supplies
 Motor Controls
 Pulse Transformer Driver
 Class D Switching Amplifiers

GENERAL DESCRIPTION
The TC4420/4429 are 6A (peak), single output MOSFET
drivers. The TC4429 is an inverting driver (pin-compatible
with the TC429), while the TC4420 is a non-inverting driver.
These drivers are fabricated in CMOS for lower power, more
efficient operation versus bipolar drivers.
Both devices have TTL-compatible inputs, which can be
driven as high as VDD + 0.3V or as low as – 5V without upset
or damage to the device. This eliminates the need for
external level shifting circuitry and its associated cost and
size. The output swing is rail-to-rail ensuring better drive
voltage margin, especially during power up/power down
sequencing. Propagational delay time is only 55nsec (typ.)
and the output rise and fall times are only 25nsec (typ.) into
2500pF across the usable power supply range.
Unlike other drivers, the TC4420/4429 are virtually
latch-up proof. They replace three or more discrete components
saving PCB area, parts and improving overall system
reliability.




Similar Part No. - TC4429EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4429EPA TELCOM-TC4429EPA Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4429EPA MICROCHIP-TC4429EPA Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4429EPA MICROCHIP-TC4429EPA Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4429EPA MICROCHIP-TC4429EPA Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
More results


Similar Description - TC4429EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420 MICROCHIP-TC4420_04 Datasheet
342Kb / 20P
6A High-Speed MOSFET Drivers
2004
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com