Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13005A Datasheet (PDF) - STMicroelectronics

13005A Datasheet PDF - STMicroelectronics
Part # 13005A
Download  13005A Download
File Size   204.45 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage fast-switching NPN power transistor

13005A Datasheet (PDF)

Go To PDF Page Download Datasheet
13005A Datasheet PDF - STMicroelectronics

Part # 13005A
Download  13005A Click to download

File Size   204.45 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage fast-switching NPN power transistor

13005A Datasheet (HTML) - STMicroelectronics


13005A Product details

Features
■ Low spread of dynamic parameters
■ Minimum lot-to-lot spread for reliable operation
■ Very high switching speed

Applications
■ Electronic ballast for fluorescent lighting
■ Switch mode power supplies

Description
This device is manufactured using high voltage
multi epitaxial planar technology for high switching
speeds and high voltage capability. It uses a
cellular emitter structure with planar edge
termination to enhance switching speeds while
maintaining a wide RBSOA.




Similar Part No. - 13005A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jingdao Electr...
13005A JINGDAO-13005A Datasheet
119Kb / 3P
Bipolar Junction Transistor
13005AD JINGDAO-13005AD Datasheet
127Kb / 3P
Bipolar Junction Transistor
13005ADL JINGDAO-13005ADL Datasheet
126Kb / 3P
Bipolar Junction Transistor
logo
METZ CONNECT GmbH
13005AP1200-E METZ-13005AP1200-E Datasheet
787Kb / 12P
C6Amodul 180° jack
2023/02/15 Version: AU
13005AP300-E METZ-13005AP300-E Datasheet
1Mb / 10P
C6Amodul 270° jack
2023/02/15 Version: AP
More results


Similar Description - 13005A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com