Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1822 Datasheet (PDF) - Texas Instruments

TLV1822 Datasheet PDF - Texas Instruments
Part # TLV1822
Download  TLV1822 Download
File Size   1678.96 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options

TLV1822 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1822 Datasheet PDF - Texas Instruments

Part # TLV1822
Download  TLV1822 Click to download

File Size   1678.96 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options

TLV1822 Datasheet (HTML) - Texas Instruments


TLV1822 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C3
• Wide 2.4 V to 40 V supply range
• Low quiescent current 5 μA per channel
• Rail-to-Rail input
• Power-On Reset (POR) for known start-up
• Low input offset voltage 500 μV
• 420 ns typical propagation delay
• Push-pull output option (TLV181x-Q1)
• Open-drain output option (TLV182x-Q1)
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• HEV/EV and power train
• Infotainment and cluster
• Body control module

3 Description
The TLV181x-Q1 and TLV182x-Q1 are a family of
Automotive grade 40 Volt single, dual and quad
channel comparators with multiple output options. The
family offers rail-to-rail inputs with push-pull or opendrain
output options. The family has an excellent
speed-to-power combination with a propagation delay
of 420 ns with a full supply voltage range of 2.4 V to
40 V with a quiescent supply current of only 5 μA per
channel.
All devices include a Power-On Reset (POR) feature.
This ensures the output is in a known state until the
minimum supply voltage has been reached before the
output responds to the inputs, thus preventing false
outputs during system power-up and power-down.
The TLV181x-Q1 comparators have a push-pull
output stage capable of sinking and sourcing
milliamps of current when controlling an LED or
driving a capacitive load such as a MOSFET gate.
The TLV182x-Q1 comparators have an open-drain
output stage that can be pulled up to 40 V
independent of comparator supply voltage.




Similar Part No. - TLV1822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1822 TI-TLV1822 Datasheet
1Mb / 29P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1822 TI-TLV1822 Datasheet
1Mb / 36P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1822 TI-TLV1822 Datasheet
1Mb / 39P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED DECEMBER 2022
TLV1822 TI-TLV1822 Datasheet
1Mb / 38P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
TLV1822 TI1-TLV1822 Datasheet
1Mb / 42P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Similar Description - TLV1822

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1812-Q1 TI-TLV1812-Q1 Datasheet
1Mb / 34P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
OCTOBER 2022
TLV1812 TI-TLV1812 Datasheet
1Mb / 29P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1811-Q1 TI-TLV1811-Q1 Datasheet
1Mb / 38P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
TLV1811-Q1 TI1-TLV1811-Q1_V02 Datasheet
1Mb / 42P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811-Q1 TI-TLV1811-Q1_V03 Datasheet
1Mb / 43P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V03 Datasheet
2Mb / 46P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811-Q1 TI1-TLV1811-Q1_V04 Datasheet
2Mb / 46P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811-Q1 TI1-TLV1811-Q1_V05 Datasheet
2Mb / 47P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com