Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIB-RMK01 Datasheet (PDF) - TRACO Electronic AG

TIB-RMK01 Datasheet PDF - TRACO Electronic AG
Part # TIB-RMK01
Download  TIB-RMK01 Download
File Size   2657.91 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt

TIB-RMK01 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIB-RMK01 Datasheet PDF - TRACO Electronic AG

Part # TIB-RMK01
Download  TIB-RMK01 Click to download

File Size   2657.91 Kbytes
Page   7 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt

TIB-RMK01 Datasheet (HTML) - TRACO Electronic AG


TIB-RMK01 Product details

• UL Hazloc Class I, division 2 approval
and ATEX certification
• SEMI F47 compliant for voltage sag
immunity
• Rugged metal case with optional
side-mounting
• Back power immunity
• 150% peak current for 4 s
• Operating Temp –40°C to +70°C (full
load up to 60°C)
• Adjustable output voltage
• High Reliability: MTBF 1 mill hrs per IEC
61709
• Short circuit and overload protection
• 5-year product warranty




Similar Part No. - TIB-RMK01

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIB-RMK01 TRACOPOWER-TIB-RMK01 Datasheet
1Mb / 1P
Ruggedized DIN-Rail Mounting Clip
Rev. November 30, 2022
TIB-RMK01 TRACOPOWER-TIB-RMK01 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
More results


Similar Description - TIB-RMK01

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REDIN480 RECOM-REDIN480 Datasheet
551Kb / 7P
480 Watt DIN-Rail Power Supply
REDIN480-3AC RECOM-REDIN480-3AC Datasheet
638Kb / 8P
480 Watt 3 Phase DIN-Rail Power Supply
logo
TRACO Electronic AG
TSPC TRACOPOWER-TSPC Datasheet
715Kb / 9P
Industrial Power Supplies TSPC Series, 50–480 Watt
Rev. February 28, 2023
TIB080-EX TRACOPOWER-TIB080-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB120-EX TRACOPOWER-TIB120-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120 TRACOPOWER-TIB120 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 120 Series, 120 Watt
Rev. November 30, 2022
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
TXH480 TRACOPOWER-TXH480 Datasheet
2Mb / 5P
AC/DC Power Supply TXH 480 Series, 480 Watt
Rev. October 21, 2020
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com