Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA25C3003ILR Datasheet (PDF) - CTS Corporation

CA25C3003ILR Datasheet PDF - CTS Corporation
Part # CA25C3003ILR
Download  CA25C3003ILR Download
File Size   296.0 Kbytes
Page   6 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 4UTO3OTIVE GR4DE HC3OS CLOCK

CA25C3003ILR Datasheet (PDF)

Go To PDF Page Download Datasheet
CA25C3003ILR Datasheet PDF - CTS Corporation

Part # CA25C3003ILR
Download  CA25C3003ILR Click to download

File Size   296.0 Kbytes
Page   6 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description 4UTO3OTIVE GR4DE HC3OS CLOCK

CA25C3003ILR Datasheet (HTML) - CTS Corporation


CA25C3003ILR Product details

Features
- 4EC-Q200 Compliant
- Ceramic Surface 3ount Package
- Operating Temperature Range to -55°C to +105°C
- Fundamental and 3rd Overtone Crystal Designs
- Frequency Range 1.25 – 156.253Hz *
- +1.8V, +2.5V and +3.3V Operation
- Output Enable Standard
- Tape and Reel Packaging, EI4-481




Similar Part No. - CA25C3003ILR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CA25 MACOM-CA25 Datasheet
355Kb / 2P
Cascadable Amplifier 5 to 1500 MHz
CA25-1 MACOM-CA25-1 Datasheet
364Kb / 2P
Cascadable Amplifier 2 to 1500 MHz
logo
M/A-COM Technology Solu...
CA25-1 MA-COM-CA25-1 Datasheet
1Mb / 2P
Cascadable Amplifier 2 to 1500 MHz
CA25-1 MA-COM-CA25-1 Datasheet
637Kb / 3P
Cascadable Amplifier
logo
Kingbright Corporation
CA25-11EWA KINGBRIGHT-CA25-11EWA Datasheet
506Kb / 5P
6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAYS
More results


Similar Description - CA25C3003ILR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LM8460 SANYO-LM8460 Datasheet
112Kb / 1P
ALARM CLOCK (CLOCK RADIO.ETC)
logo
Raltron Electronics Cor...
CE8200A-LZ-80.000-T-4 RALTRON-CE8200A-LZ-80.000-T-4 Datasheet
234Kb / 2P
CLOCK
CE8250A-LZ-25.000-T-4 RALTRON-CE8250A-LZ-25.000-T-4 Datasheet
234Kb / 2P
CLOCK
CP2 RALTRON-CP2 Datasheet
364Kb / 1P
CLOCK
logo
Cirrus Logic
CS2000-CP CIRRUS-CS2000-CP Datasheet
447Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP Datasheet
596Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-CP CIRRUS-CS2000-CP_09 Datasheet
301Kb / 36P
Fractional-N Clock Synthesizer & Clock Multiplier
CS2000-OTP CIRRUS-CS2000-OTP_09 Datasheet
260Kb / 30P
Fractional-N Clock Synthesizer & Clock Multiplier
logo
Integrated Device Techn...
IDT5V2305PGGI IDT-IDT5V2305PGGI Datasheet
74Kb / 10P
CLOCK BUFFER PERFORMANCE CLOCK BUFFER
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com