Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0118DN Datasheet (PDF) - STMicroelectronics

P0118DN Datasheet PDF - STMicroelectronics
Part # P0118DN
Download  P0118DN Download
File Size   96.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive high immunity SCRs up to 0.8 A

P0118DN Datasheet (PDF)

Go To PDF Page Download Datasheet
P0118DN Datasheet PDF - STMicroelectronics

Part # P0118DN
Download  P0118DN Click to download

File Size   96.29 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Sensitive high immunity SCRs up to 0.8 A

P0118DN Datasheet (HTML) - STMicroelectronics


P0118DN Product details

Description
Thanks to highly sensitive triggering levels, the
P011xx SCR series is suitable for all applications
where available gate current is limited, such as
ground fault circuit interruptors, pilot circuits in
solid state relays, standby mode power supplies,
smoke and alarm detectors.
Available in through-hole or surface-mount
packages, the voltage capability of this series has
been upgraded since its introduction and is now
available up to 600 V.

Features
■ IT(RMS) up to 0.8 A
■ VDRM/VRRM 400 and 600 V
■ IGT from 0.5 to 25 µA




Similar Part No. - P0118DN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0118DN STMICROELECTRONICS-P0118DN Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
P0118DN1AA3 STMICROELECTRONICS-P0118DN1AA3 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
P0118DN2AL3 STMICROELECTRONICS-P0118DN2AL3 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
P0118DN5AA4 STMICROELECTRONICS-P0118DN5AA4 Datasheet
177Kb / 6P
0.8A SCRs
Sep-2000
More results


Similar Description - P0118DN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
Sensitive Triacs (0.8 A to 8 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
0.8 A sensitive gate SCRs
01-Apr-2008
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
P0109AL-5AA4 STMICROELECTRONICS-P0109AL-5AA4 Datasheet
125Kb / 11P
Sensitive standard SCRs up to 0.8 A
24-Nov-2008
logo
Littelfuse
S4S2RP LITTELFUSE-S4S2RP Datasheet
980Kb / 10P
Teccor brand Thyristors 0.8 Amp Sensitive SCRs
SXX8BBS LITTELFUSE-SXX8BBS Datasheet
537Kb / 6P
Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
logo
STMicroelectronics
P0109AL STMICROELECTRONICS-P0109AL Datasheet
364Kb / 8P
Sensitive high immunity 0.25 A SCR Thyristor
Rev 2 August 2017
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
16-Jun-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com