Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDI88128C Datasheet (PDF) - White Electronic Designs Corporation

EDI88128C Datasheet PDF - White Electronic Designs Corporation
Part # EDI88128C
Download  EDI88128C Download
File Size   387.07 Kbytes
Page   8 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 128Kx8 MONOLITHIC SRAM, SMD 5962-89598

EDI88128C Datasheet (PDF)

Go To PDF Page Download Datasheet
EDI88128C Datasheet PDF - White Electronic Designs Corporation

Part # EDI88128C
Download  EDI88128C Click to download

File Size   387.07 Kbytes
Page   8 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 128Kx8 MONOLITHIC SRAM, SMD 5962-89598

EDI88128C Datasheet (HTML) - White Electronic Designs Corporation


EDI88128C Product details

The EDI88128C is a high speed, high performance, Monolithic CMOS Static RAM organized as 128Kx8. The device is also available as EDI88130C with an additional chip select line (CS2) which will automatically power down the device when proper logic levels are applied.

The second chip select line (CS2) can be used to provide system memory security during power down in non-battery backed up systems and simplifi y decoding schemes in memory banking where large multiple pages of memory are required.

The EDI88128C and the EDI88130C have eight bidirectional input-output lines to provide simultaneous access to all bits in a word. An automatic power down feature permits the on-chip circuitry to enter a very low standby mode and be brought back into operation at a speed equal to the address access time.



FEATURES

■ Access Times of 70, 85, 100ns

■ Available with Single Chip Selects (EDI88128) or Dual Chip Selects (EDI88130)

■ 2V Data Retention (LP Versions)

■ CS# and OE# Functions for Bus Control

■ TTL Compatible Inputs and Outputs

■ Fully Static, No Clocks

■ Organized as 128Kx8

■ Industrial, Military and Commercial Temperature Ranges

■ Thru-hole and Surface Mount Packages JEDEC Pinout

   • 32 pin Ceramic DIP, 0.6 mils wide (Package 9)

   • 32 lead Ceramic SOJ (Package 140)

■ Single +5V (±10%) Supply Operation



 




Similar Part No. - EDI88128C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88128CDXCB WEDC-EDI88128CDXCB Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCC WEDC-EDI88128CDXCC Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCI WEDC-EDI88128CDXCI Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXCM WEDC-EDI88128CDXCM Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CDXFB WEDC-EDI88128CDXFB Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
More results


Similar Description - EDI88128C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
512Kx8 Monolithic SRAM, SMD 5962-95600
EDI816256CA WEDC-EDI816256CA Datasheet
269Kb / 7P
256Kx16 MONOLITHIC SRAM, SMD 5962-96795
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
256Kx16 MONOLITHIC SRAM, SMD 5962-96902
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
128Kx8 MONOLITHIC SRAM, SMD 5962-96691
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com