Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4376 Datasheet (PDF) - Chicago Miniature Lamp,inc

4376 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 4376
Download  4376 Download
File Size   24.36 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Panel Mount Lenses for T-1 3/4 (5mm) LEDs

4376 Datasheet (PDF)

Go To PDF Page Download Datasheet
4376 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 4376
Download  4376 Click to download

File Size   24.36 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Panel Mount Lenses for T-1 3/4 (5mm) LEDs

4376 Datasheet (HTML) - Chicago Miniature Lamp,inc


4376 Product details

DESCRIPTION FEATURES
Series 4341 thru 4347
• Attractive snap-in panel lenses provide wide-angle viewing plus mechanical security and electrostatic discharge protection. Generous clearance and "forgiving" optics speed product assembly. Ideal for use with narrow beam LEDs, such as 4305H, 4308H or 4310H series-or use with incandescent or neon lamps.

Series 4371, 4372, 4375, 4376, 4377 Lenses; 4370 Spacer
• These low profile lenses provide quick and economical panel mounting for T-1 3/4 high dome LEDs. Molded-in Fresnel rings spread light evenly, provide wide viewing angle and bright attractive appearance. Use with narrow beam LED series 4305H, 4308H and 4310H.




Similar Part No. - 4376

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4376 VCC-4376 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Turck, Inc.
43760 TURCK-43760 Datasheet
268Kb / 3P
Inductive Sensor
11/07/2023
logo
Molex Electronics Ltd.
43760-0001 MOLEX11-43760-0001 Datasheet
38Kb / 2P
Mini-Fit짰 BMI Receptacle Housing, 4.20mm Pitch, Dual Row with Panel Mount Ears,
More results


Similar Description - 4376

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Roithner LaserTechnik G...
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
LUMEX INC.
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4331 VCC-4331 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
4341 VCC-4341 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com