Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV16541DGG Datasheet (PDF) - NXP Semiconductors

AV16541DGG Datasheet PDF - NXP Semiconductors
Part # AV16541DGG
Download  AV16541DGG Download
File Size   81.76 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/driver 3-State

AV16541DGG Datasheet (PDF)

Go To PDF Page Download Datasheet
AV16541DGG Datasheet PDF - NXP Semiconductors

Part # AV16541DGG
Download  AV16541DGG Click to download

File Size   81.76 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/driver 3-State

AV16541DGG Datasheet (HTML) - NXP Semiconductors


AV16541DGG Product details

DESCRIPTION
The 74ALVT16541 is a high-performance BiCMOS product designed for VCC operation at 2.5V or 3.3V with I/O compatibility up to 5V.
This device can be used as two octal buffers or one 16-bit buffer. The device is ideal for driving bus lines.

FEATURES
• 16-bit universal bus interface
• 5V I/O compatibile
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Power-up 3-State
• No bus current loading when output is tied to 5V bus
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - AV16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AV16543DGG PHILIPS-AV16543DGG Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
AV16543DL PHILIPS-AV16543DL Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
More results


Similar Description - AV16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
3.3V ABT 16-bit buffer/driver 3-State
July 1994
logo
Pericom Semiconductor C...
PI74AVC16244 PERICOM-PI74AVC16244 Datasheet
526Kb / 10P
2.5V 16-Bit Buffer Driver with 3-State Outputs
PI74AVC16244 PERICOM-PI74AVC16244_06 Datasheet
430Kb / 11P
2.5V 16-Bit Buffer Driver with 3-State Outputs
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com