Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE050D2 Datasheet (PDF) - NXP Semiconductors

SE050D2 Datasheet PDF - NXP Semiconductors
Part # SE050D2
Download  SE050D2 Download
File Size   407.37 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Plug & Trust Secure Element

SE050D2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE050D2 Datasheet PDF - NXP Semiconductors

Part # SE050D2
Download  SE050D2 Click to download

File Size   407.37 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Plug & Trust Secure Element

SE050D2 Datasheet (HTML) - NXP Semiconductors


SE050D2 Product details

Key features
The SE050 is based on NXP's Integral Security Architecture 3.0™ providing a secure
and efficient protection against various security threats. The efficiency of the security
measures is proven by a Common Criteria EAL6+ certification.
The SE050 operates fully autonomously based on an integrated Javacard operating
system and applet. Direct memory access is possible by the fixed functionalities of the
applet only. With that, the content from the memory is fully isolated from the host system.
• Built on NXP Integral Security Architecture 3.0 ™
• CC EAL 6+ certified HW and OS as environment to run NXP IoT applications,
supporting fully encrypted communications and secured lifecycle management
• FIPS 140-2 certified platform with Security Level 3 for OS and Applet, and Security
Level 4 related to Physical Security of the HW
– Disclaimer: FIPS certification require a specific product type. For more information,
refer to [4].
• Effective protection against advanced attacks, including Power Analysis and Fault
Attacks of various kinds
• Multiple logical and physical protection layers, including metal shielding, end-to-end
encryption, memory encryption, tamper detection
• Support for RSA and ECC asymmetric cryptography algorithms, future proof curves
and high key length, e.g. Brainpool, Edwards and Montgomery curves
• Support for AES and DES symmetric cryptographic algorithms for encryption and
decryption
• Support for AES Modes: CBC, ECB, CTR
• HMAC, CMAC, SHA-1, SHA-224/256/384/512 operations
• Various options for key derivation functions, including HKDF, MIFARE KDF, PRF (TLSPSK)
• Extended temperature range for industrial applications (-40 °C to +105 °C)
• Small footprint HX2QFN20 package (3x3 mm)
• Standard physical interface I2C target (High-speed mode, 3.4 Mbps), I2C controller
(Fast mode, 400 kbps). Both can be active at the same time
• Dedicated CL wireless interface for IoT use cases simplifying configuration set-up,
maintenance in the field and late stage configuration
• Secured user flash memory up to 50 kB for secure data or key storage
• Support for SCP03 protocol (bus encryption and encrypted credential injection) to
securely bind the host with the secure element
• TRNG compliant to NIST SP800-90B
• DRBG compliant to NIST SP800-90A
• Support for applet level secure messaging channels to allow end-to-end encrypted
communication in multi-tenant ecosystems
• In 2022 NXP launched a new generation of product variants, the SE050E platform. The
SE050E platform supports the following new features.
– AES Modes: CCM and GCM
– GMAC
– EC Curves for ECDH: Curve448
• Matter Ready: SE050 provides the necessary cryptographic functions to support the
upcoming Matter standard for connecting smart home devices.




Similar Part No. - SE050D2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE050D2 NXP-SE050D2 Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
SE050D2HQ1/Z01PA NXP-SE050D2HQ1/Z01PA Datasheet
418Kb / 32P
Plug & Trust Secure Element
Rev. 3.4-28 March 2022
SE050D2HQ1/Z01PAZ NXP-SE050D2HQ1/Z01PAZ Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
More results


Similar Description - SE050D2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A71CH NXP-A71CH Datasheet
1Mb / 29P
Plug & Trust Secure Element
Rev.1.2-27 September 2018
SE050 NXP-SE050 Datasheet
360Kb / 30P
Plug & Trust Secure Element
Rev. 3.0-12 May 2020
logo
STMicroelectronics
X-NUCLEO-SAFEA1 STMICROELECTRONICS-X-NUCLEO-SAFEA1 Datasheet
316Kb / 6P
Secure element expansion board based on STSAFE-A110
14-Jan-2020
logo
NXP Semiconductors
A71CL NXP-A71CL Datasheet
382Kb / 24P
Plug & Trust Secure Element for Alibaba Cloud
Rev.3.1-24 September 2020
A71CL NXP-A71CL_V01 Datasheet
327Kb / 24P
Plug & Trust Secure Element
Rev.3.1-10 September 2020
logo
Pomona Electronics
6175 POMONA-6175 Datasheet
6Mb / 100P
Professionals Trust Pomona Performance
2008 - 2009
logo
NXP Semiconductors
SE050 NXP-SE050_V01 Datasheet
418Kb / 32P
Plug & Trust Secure Element
Rev. 3.4-28 March 2022
logo
Infineon Technologies A...
32AIA010MH INFINEON-32AIA010MH Datasheet
902Kb / 40P
OPTIGA??Trust M
Revision 3.10 2020-09-24
SLE95250 INFINEON-SLE95250 Datasheet
1Mb / 22P
OPTIGATM Trust B Authentication IC
Revision 2.01, 2021-03-02
SLS32AIA020U23 INFINEON-SLS32AIA020U23 Datasheet
1Mb / 37P
OPTIGA™ Trust Charge
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com