Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM489 Datasheet (PDF) - Analog Devices

ADM489 Datasheet PDF - Analog Devices
Part # ADM489
Download  ADM489 Download
File Size   385.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers

ADM489 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM489 Datasheet PDF - Analog Devices

Part # ADM489
Download  ADM489 Click to download

File Size   385.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers

ADM489 Datasheet (HTML) - Analog Devices


ADM489 Product details

FEATURES
Meets EIA RS-485 and RS-422 standards
250 kbps data rate
Single 5 V ± 10% supply
−7 V to +12 V bus common-mode range
12 kΩ input impedance
2 kV EFT protection meets IEC1000-4-4
High EM immunity meets IEC1000-4-3
Reduced slew rate for low EM interference
Short-circuit protection
Excellent noise immunity
30 μA supply current

APPLICATIONS
Low power RS-485 and RS-422 systems
DTE-DCE interface
Packet switching
Local area networks
Data concentration
Data multiplexers
Integrated services digital network (ISDN)




Similar Part No. - ADM489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM489 AD-ADM489 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
ADM489A AD-ADM489A Datasheet
287Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM489A AD-ADM489A Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
ADM489ABRMZ AD-ADM489ABRMZ Datasheet
287Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM489ABRMZ AD-ADM489ABRMZ Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Similar Description - ADM489

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM488 AD-ADM488 Datasheet
212Kb / 12P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV.0
logo
Intersil Corporation
ISL4489E INTERSIL-ISL4489E Datasheet
477Kb / 12P
Low Power, High Speed and Slew Rate Limited, Full Duplex, RS-485/RS-422 Transceivers
October 27, 2004
logo
Analog Devices
ADM488A AD-ADM488A Datasheet
287Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Analog Devices
ADM489ARZ AD-ADM489ARZ Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com