Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1753S Datasheet (PDF) - ams AG

AS1753S Datasheet PDF - ams AG
Part # AS1753S
Download  AS1753S Download
File Size   596.14 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches

AS1753S Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1753S Datasheet PDF - ams AG

Part # AS1753S
Download  AS1753S Click to download

File Size   596.14 Kbytes
Page   16 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches

AS1753S Datasheet (HTML) - ams AG


AS1753S Product details

General Description

The AS1751/AS1752/AS1753 are high-speed, low-volt age, quad single-pole/single-throw (SPST) analog switches.

Fast switching speeds, low ON-resistance, and low power consumption make these devices ideal for single cell battery powered applications. These highly-reliable devices operate from a single +1.6 to +3.6V supply, and are differentiated by the type and number of switches:



AS1751 - Four normally open (NO) switches

AS1752 - Four normally closed (NC) switches

AS1753 - Two NO switches and Two NC switches



2 Key Features

ON-Resistance:

  - 0.9Ω (+3V supply)

  - 2.5Ω (+1.8V supply)

RON Matching:

  - 0.12Ω (+3V supply)

  - 0.25Ω (+1.8V supply)

RON Flatness: 0.1Ω (+3V Supply)

Supply Voltage Range: +1.6 to +3.6V

Switching Speed: tON = 22ns, tOFF = 14ns

Current-Handling: 250mA Continuous

Break-Before-Make Switching (AS1753)

Rail-to-Rail Signal Handling

1.8V CMOS Logic Compatible (+3V Supply)

Operating Temperature Range: -40 to +85ºC

Package Types:

  - 16-pin QFN (3mm x 3mm)

  - 14-pin TSSOP




Similar Part No. - AS1753S

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1753S AMSCO-AS1753S Datasheet
519Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1753S AMSCO-AS1753S Datasheet
1Mb / 17P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1753S-T AMSCO-AS1753S-T Datasheet
519Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
AS1753S-T AMSCO-AS1753S-T Datasheet
1Mb / 17P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
More results


Similar Description - AS1753S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4591 MAXIM-MAX4591 Datasheet
171Kb / 12P
High-Speed, Single-Supply, Quad, SPST Analog Switches
Rev 0; 2/00
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
ams AG
AS1751 AMSCO-AS1751_1 Datasheet
519Kb / 16P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
ams AG
AS1751 AMSCO-AS1751_04 Datasheet
1Mb / 17P
High-Speed, Low-Voltage, Single-Supply, 0.9, Quad SPST Analog Switches
logo
Texas Instruments
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com