Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR3003-41A Datasheet (PDF) - Anpec Electronics Coropration

APR3003-41A Datasheet PDF - Anpec Electronics Coropration
Part # APR3003-41A
Download  APR3003-41A Download
File Size   142.7 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description MicroPower Microprocessor Reset Circuit

APR3003-41A Datasheet (PDF)

Go To PDF Page Download Datasheet
APR3003-41A Datasheet PDF - Anpec Electronics Coropration

Part # APR3003-41A
Download  APR3003-41A Click to download

File Size   142.7 Kbytes
Page   15 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description MicroPower Microprocessor Reset Circuit

APR3003-41A Datasheet (HTML) - Anpec Electronics Coropration


APR3003-41A Product details

General Description

The APR3001/2/3 are designed to monitor voltage supplies in µP and digital systems. The quiescent current is extremely low, typically 1.5 µA, making it ideal for portable battery operated equipment. The APR3001/2/3 operate by monitoring the system power supply voltage. When the input voltage drops below a fixed threshold, the device asserts a reset signal for a fixed time period after Vcc rises above the fixed threshold. The APR3001/2/3 series is available with three output stage versions : APR3001 push-pull active low output, APR3002 push-pull active high output and APR3003 open drain active low output. They are also designed to reject fast line transient glitches on Vcc. The APR3001/2/3 are come in a miniature SOT-23, SOT-23-5, SOT-89 packages.



Features

• 1.2V to 6V Input Voltage Range

• Low Quiescent Current : less Than 1.5 µA

• High accuracy detection threshold : ±1.5%

• Fixed trimmed reset thresholds for 1.5V, 1.75V, 2.32V, 2.63V, 2.93V, 3.08V, 3.9V, 4.38V.

• Reset Timeout Period 250ms

• Available output configurations

   - Open-drain output

   - CMOS active high output

   - CMOS active low output

• SOT-23 , SOT-23-5 and SOT-89 packages

• No external components



Applications

• Computers

• Cell Phones

• Portable Electronics

• µP Power Supply Monitoring



 




Similar Part No. - APR3003-41A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APR300315AI-TRG ANPEC-APR300315AI-TRG Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR300315AI-TRL ANPEC-APR300315AI-TRL Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR300315BI-TRG ANPEC-APR300315BI-TRG Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR300315BI-TRL ANPEC-APR300315BI-TRL Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR300315DI-TRG ANPEC-APR300315DI-TRG Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
More results


Similar Description - APR3003-41A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
MicroPower Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
3520.2006.03.1.2
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
2005.12.1.2
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
MicroPower??Microprocessor Reset Circuit
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
MicroPower Microprocessor Reset Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com