Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WL2000-R5300 Datasheet (PDF) - SICK AG

WL2000-R5300 Datasheet PDF - SICK AG
Part # WL2000-R5300
Download  WL2000-R5300 Download
File Size   507.42 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

WL2000-R5300 Datasheet (PDF)

Go To PDF Page Download Datasheet
WL2000-R5300 Datasheet PDF - SICK AG

Part # WL2000-R5300
Download  WL2000-R5300 Click to download

File Size   507.42 Kbytes
Page   6 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description COMPACT PHOTOELECTRIC SENSORS

WL2000-R5300 Datasheet (HTML) - SICK AG


WL2000-R5300 Product details

Features
Sensor/ detection principle Photoelectric retro-reflective sensor
Dimensions (W x H x D) 45 mm x 73.7 mm x 48.6 mm
Housing design (light emission) Rectangular
Sensing range max. 0 m ... 15 m 1)
Sensing range 0 m ... 15 m 1)
Type of light Visible red light
Light source LED 2)
Light spot size (distance) Ø 320 mm (14 m)
Angle of dispersion Approx. 1.3°
Wave length 660 nm
Adjustment Potentiometer




Similar Part No. - WL2000-R5300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL2000 LSTD-WL2000 Datasheet
280Kb / 3P
Liquid to Air Heat Exchanger System
More results


Similar Description - WL2000-R5300

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
2017-07-10
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
2017-11-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com