Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX205 Datasheet (PDF) - Texas Instruments

OPAX205 Datasheet PDF - Texas Instruments
Part # OPAX205
Download  OPAX205 Download
File Size   2411.74 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps

OPAX205 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPAX205 Datasheet PDF - Texas Instruments

Part # OPAX205
Download  OPAX205 Click to download

File Size   2411.74 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps

OPAX205 Datasheet (HTML) - Texas Instruments


OPAX205 Product details

1 Features
• e-trim™ operational amplifier performance
– Low offset voltage: 25 μV (max),
15 μV (max, high grade)
– Low offset voltage drift: ±0.5 μV/°C (max),
±0.2 μV/°C (max, high grade)
• Super beta inputs
– Input bias current: 500 pA (max)
– Input current noise: 110 fA/√Hz
• Low noise
– 0.1 to 10-Hz: 0.2 μVPP
– Voltage noise: 7.2 nV/√Hz
• AOL, CMRR, and PSRR: > 126 dB (full
temperature range)
• Gain bandwidth product: 3.6 MHz
• Low quiescent current: 240 μA (max)
• Slew rate: 4 V/μs
• Overload power limiter
• Rail-to-rail output
• EMI and RFI filtered inputs
• Wide supply: 4.5 V to 36 V
• Temperature range: –40°C to +125°C
• Available in standard grade (OPAx205A) and
high grade (OPA2205, preview)

2 Applications
• Flow transmitter
• String inverter
• Data acquisition (DAQ)
• Source measurement unit (SMU)
• Lab and field instrumentation
• Battery test
• Analog input module
• Pressure transmitter

3 Description
The OPA205, OPA2205, and OPA4205 (OPAx205)
are the next generation of the industry-standard
OPAx277 family. These devices are precision, bipolar
e-trim™ operational amplifiers with super-beta inputs.
The devices use TI's proprietary trimming technology
to achieve an input offset voltage of ±4 μV (typical)
and ±2 μV (typical, high grade), and an input offset
voltage drift of ±0.08 μV (typical) and ±0.04 μV
(typical, high grade).
Designed on a bipolar process, the OPAx205 provide
3.6‑MHz gain bandwidth for a mere 220 μA of
quiescent current. The devices also achieve a low
voltage noise density of only 7.2 nV/√Hz at 1 kHz.
The super-beta inputs of the OPAx205 have a very
low input bias current of 100 pA (typical) and a current
noise density of 110 fA/√Hz.
The high performance of the OPAx205 makes
these devices an excellent choice for systems
requiring high precision and low power consumption,
such as flow and pressure transmitters, portable
data acquisition (DAQ) systems, and high-density
source measurement units (SMU). The OPA206 and
OPA2206 are related devices with the same op
amp core, but with the additional feature of input
overvoltage protection of ±40 V above the supplies.




Similar Part No. - OPAX205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPAX205 TI-OPAX205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPAX205 TI-OPAX205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED SEPTEMBER 2022
OPAX205 TI-OPAX205 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPAX205 TI-OPAX205 Datasheet
2Mb / 4P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
More results


Similar Description - OPAX205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2205 TI1-OPA2205 Datasheet
485Kb / 18P
OPA2205 25-關V, 0.3-關V/째C, Low-Power, Super Beta, Bipolar, e-trim??Op Amp
OPA2205 TI-OPA2205_V01 Datasheet
2Mb / 33P
OPA2205 2-關V, 0.04-關V/째C, Low-Power, Super Beta, Bipolar, e-trim??Op Amp
OPA205 TI-OPA205 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED JULY 2022
OPA206 TI-OPA206 Datasheet
2Mb / 38P
OPAx206 Input-Overvoltage-Protected, 2-μV, 0.04-μV/°C, Low-Power Precision Op Amps
REVISED JULY 2022
OPA205 TI-OPA205_V01 Datasheet
2Mb / 37P
OPAx205 2-μV, 0.04-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED SEPTEMBER 2022
OPA205 TI-OPA205_V03 Datasheet
2Mb / 42P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V01 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
OPA205 TI-OPA205_V04 Datasheet
2Mb / 4P
OPAx205 4-μV, 0.08-μV/°C, Low-Power, Super Beta, Bipolar, e-trim™ Op Amps
REVISED MARCH 2023
OPA206 TI-OPA206_V02 Datasheet
2Mb / 39P
OPAx206 Input-Overvoltage-Protected, 4-μV, 0.08-μV/°C, Low-Power Super Beta, e-trim™ Op Amps
REVISED MARCH 2023
logo
Microchip Technology
MCP621 MICROCHIP-MCP621_V01 Datasheet
2Mb / 68P
20 MHz, 200 μV Op Amps with mCal
Revision E November 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com