Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

725-059-525-101 Datasheet (PDF) - EDAC, All Rights Reserved.

725-059-525-101 Datasheet PDF - EDAC, All Rights Reserved.
Part # 725-059-525-101
Download  725-059-525-101 Download
File Size   108.52 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

725-059-525-101 Datasheet (PDF)

Go To PDF Page Download Datasheet
725-059-525-101 Datasheet PDF - EDAC, All Rights Reserved.

Part # 725-059-525-101
Download  725-059-525-101 Click to download

File Size   108.52 Kbytes
Page   1 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator

725-059-525-101 Datasheet (HTML) - EDAC, All Rights Reserved.


725-059-525-101 Product details

Features

  • .100" (2.54mm) Contact spacing x .200" (5.08mm) row spacing
  • Accepts .062" (1.57mm) nominal thickness P.C. board
  • Low profile insulator body, .550"(13.97mm) high
  • Contact termination options include P.C. tail, and .025" (0.64mm) square wire wrap
  • Press-Fit compliant section for gas tight reliable connection in plated through holes eliminates soldering operations
  • Single or dual row configurations
  • Accepts between contact and In-Contact polarizing keys (Special features if requested)
  • Tools available for insulator and contact removal. Simple "Flat Rock" tooling is used for connector installation.
  • RoHS Compliant & UL Certified




Similar Part No. - 725-059-525-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
725-059-525-101 EDAC-725-059-525-101 Datasheet
249Kb / 2P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results


Similar Description - 725-059-525-101

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
725-005-540-101 EDAC-725-005-540-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-005-545-101 EDAC-725-005-545-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-006-540-101 EDAC-725-006-540-101 Datasheet
76Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09 A-A
725-008-525-101 EDAC-725-008-525-101 Datasheet
77Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-009-541-101 EDAC-725-009-541-101 Datasheet
78Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-010-522-201 EDAC-725-010-522-201 Datasheet
77Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-012-525-201 EDAC-725-012-525-201 Datasheet
78Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-014-540-201 EDAC-725-014-540-201 Datasheet
79Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-014-541-201 EDAC-725-014-541-201 Datasheet
79Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
AUG31/09
725-012-540-101 EDAC-725-012-540-101 Datasheet
80Kb / 1P
725 Series Pressfit Card Edge Connector | Black | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing | Low Profile Insulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com