Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1277 Datasheet (PDF) - Alpha Wire

1277 Datasheet PDF - Alpha Wire
Part # 1277
Download  1277 Download
File Size   97.78 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

1277 Datasheet (PDF)

Go To PDF Page Download Datasheet
1277 Datasheet PDF - Alpha Wire

Part # 1277
Download  1277 Click to download

File Size   97.78 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer SpecificationS

1277 Datasheet (HTML) - Alpha Wire


1277 Product details

Construction
Diameters (In)
1) Component 1 7 X 1 COND
a) Conductor 14 (19/.0147) AWG Tinned Copper 0.071
b) Insulation 0.047" Wall, Nom. PVC 0.165
(1) Color Code Alpha Wire Color Code F
Cond Color Cond Color Cond Color
1 BLACK 4 GREEN 7 WHITE/BLACK
2 WHITE 5 ORANGE
3 RED 6 BLUE
2) Cable Assembly 7 Components Cabled
a) Twists: 1.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 20% Overlap, Min.
3) Jacket 0.063" Wall, Nom.,PVC 0.626 (0.650 Max.)
a) Color(s) SLATE
b) Print
ALPHA WIRE-* P/N 1277
RU AWM 2463 VW-1 80C 600V CE ROHS
* = Factory Code




Similar Part No. - 1277

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1277 ALPHAWIRE-1277 Datasheet
98Kb / 4P
Customer Specification
8/30/2022
logo
CEE Norm UK Ltd
1277 CEENORM-1277 Datasheet
1Mb / 4P
Socket Outlets
logo
Star Asia, U.S.A., LLC ...
12770 TITAN-US-12770 Datasheet
676Kb / 1P
HAND TOOLS
12771 TITAN-US-12771 Datasheet
676Kb / 1P
HAND TOOLS
logo
Coherent Corp
1277105 COHERENT-1277105 Datasheet
2Mb / 20P
StingRay and BioRay
More results


Similar Description - 1277

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
FIT-260-18 ALPHAWIRE-FIT-260-18_V01 Datasheet
99Kb / 4P
Customer Specifications
8/30/2022
PIF-130-0 ALPHAWIRE-PIF-130-0 Datasheet
98Kb / 4P
Customer Specifications
8/30/2022
1239 ALPHAWIRE-1239 Datasheet
95Kb / 3P
Customer Specifications
9/8/2022
AF-155-1 ALPHAWIRE-AF-155-1_V01 Datasheet
102Kb / 4P
Customer Specifications
9/8/2022
GRP-130-18 ALPHAWIRE-GRP-130-18_V01 Datasheet
98Kb / 4P
Customer Specifications
9/8/2022
FIT-400-2 ALPHAWIRE-FIT-400-2_V01 Datasheet
98Kb / 4P
Customer SpecificationS
9/14/2022
GRP-110NF18 ALPHAWIRE-GRP-110NF18 Datasheet
98Kb / 4P
Customer SpecificationS
9/8/2022
TFT-200-8 ALPHAWIRE-TFT-200-8 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
2144 ALPHAWIRE-2144 Datasheet
96Kb / 3P
Customer Specifications
9/14/2022
TFT-200-6 ALPHAWIRE-TFT-200-6 Datasheet
97Kb / 4P
Customer Specifications
9/14/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com