Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH9294 Datasheet (PDF) - List of Unclassifed Manufacturers

CH9294 Datasheet PDF - List of Unclassifed Manufacturers
Part # CH9294
Download  CH9294 Download
File Size   199.29 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DUAL GRAPHICS CLOCK GENERATOR

CH9294 Datasheet (PDF)

Go To PDF Page Download Datasheet
CH9294 Datasheet PDF - List of Unclassifed Manufacturers

Part # CH9294
Download  CH9294 Click to download

File Size   199.29 Kbytes
Page   6 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DUAL GRAPHICS CLOCK GENERATOR

CH9294 Datasheet (HTML) - List of Unclassifed Manufacturers


CH9294 Product details

[CHRONTEL]

Description
CH9294 is a dual PLL clock generator designed for high frequency graphics applications. It can also be used in applications requiring multiple clocks, such as PC motherboards, disk drives, CD-ROM systems, and modems.

Features
• Generates 16 preset video clocks, 8 preset memory clocks, and buffers the reference frequency output
• Built-in power supply conditioning circuitry provides excellent jitter performance and eliminates the need for an external VDD dropping resistor
• Requires only two external components: one 14.318 MHz crystal and one 0.1 µF decoupling capacitor
• Supports VGA, Super-VGA, XGA™, and 8514 graphic standards
• Supports output frequencies up to 135 MHz
• Drop-in replacement for ICS2494 and AV9194
• CMOS technology in 20-pin PDIP and SOIC
• 5V or 3.3V supply. For specific details on the 3.3V version, please consult Chrontel.




Similar Part No. - CH9294

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
CH90-24-W GAMEWELL-FCI-CH90-24-W Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
CH90-24MCC-FW GAMEWELL-FCI-CH90-24MCC-FW Datasheet
169Kb / 4P
Wheelock CH Series Electronic Chimes & Chime Strobes
logo
AVX Corporation
CH91 AVX-CH91 Datasheet
95Kb / 6P
ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
CH91 AVX-CH91 Datasheet
70Kb / 4P
High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
logo
Nanjing Qinheng Microel...
CH9120 WCH-CH9120 Datasheet
237Kb / 4P
Network Interface chip
More results


Similar Description - CH9294

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1572 ICST-ICS1572 Datasheet
276Kb / 19P
User Programmable Differential Output Graphics Clock Generator
RevC093094
ICS82C404 ICST-ICS82C404 Datasheet
610Kb / 13P
Dual Programmable Graphics Frequency Generator
RevA111095
ICS9161A ICST-ICS9161A Datasheet
452Kb / 15P
Dual Programmable Graphics Frequency Generator
RevG 10/04/00
logo
Cypress Semiconductor
CY24141-3 CYPRESS-CY24141-3 Datasheet
67Kb / 6P
MediaClock Graphics Clock Generator
logo
Integrated Circuit Syst...
ICS1562B ICST-ICS1562B Datasheet
289Kb / 20P
User Programmable Differential Output Graphics Clock Generator
Rev B 10/07/04
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
HD/SD/Graphics Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Renesas Technology Corp
ICS1562B RENESAS-ICS1562B Datasheet
295Kb / 20P
User Programmable Differential Output Graphics Clock Generator
10/07/04
ICS9161A RENESAS-ICS9161A Datasheet
1Mb / 16P
Dual Programmable Graphics Frequency Generator
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com