Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALF1T24 Datasheet (PDF) - Nais(Matsushita Electric Works)

ALF1T24 Datasheet PDF - Nais(Matsushita Electric Works)
Part # ALF1T24
Download  ALF1T24 Download
File Size   92.82 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 20A Power Relay For Home appliances

ALF1T24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALF1T24 Datasheet PDF - Nais(Matsushita Electric Works)

Part # ALF1T24
Download  ALF1T24 Click to download

File Size   92.82 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 20A Power Relay For Home appliances

ALF1T24 Datasheet (HTML) - Nais(Matsushita Electric Works)


ALF1T24 Product details

FEATURES
1. Ideal for compressor and inverter  loads
   1) Compressor load: 20A 250V AC
   2) Inverter load: 20A 100V AC, 10A 200V AC
2. High insulation resistance
   • Creepage distance and clearances
      between contact and coil;
      Creepage Min. 9.5mm .374inch/Clearance Min. 8mm .315inch
   • Surge withstand voltage: Min. 10,000V
3. "PCB" and "TMP" types available
4. Conforms to the various safety
   standards:
   UL/CSA, TÜV, VDE approved

TYPICAL APPLICATIONS
• Air conditioner
• Refrigerators
• OA equipment




Similar Part No. - ALF1T24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALF1-012 ALTECH-ALF1-012 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-024 ALTECH-ALF1-024 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-048 ALTECH-ALF1-048 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-110 ALTECH-ALF1-110 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-230 ALTECH-ALF1-230 Datasheet
444Kb / 1P
30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
More results


Similar Description - ALF1T24

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
logo
fujitsu semiconductor
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
POWER RELAY 20A type Relay
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
Control home appliances from your phone
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
logo
EXCEL CELL ELECTRONIC C...
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
HOME APPLICATION RELAY
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
HOME APPLICATION RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com