Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1250H Datasheet (PDF) - STMicroelectronics

T1250H Datasheet PDF - STMicroelectronics
Part # T1250H
Download  T1250H Download
File Size   136.03 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 12 A Snubberless™ Triacs

T1250H Datasheet (PDF)

Go To PDF Page Download Datasheet
T1250H Datasheet PDF - STMicroelectronics

Part # T1250H
Download  T1250H Click to download

File Size   136.03 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High temperature 12 A Snubberless™ Triacs

T1250H Datasheet (HTML) - STMicroelectronics


T1250H Product details

Features
■ Medium current Triac
■ 150 °C max. Tj turn-off commutation
■ Low thermal resistance with clip bonding
■ Very high 3 quadrant commutation capability
■ Packages are RoHS (2002/95/EC) compliant
■ UL certified (ref. file E81734)

Applications
Especially designed to operate in high power
density or universal motor applications such as
vacuum cleaner and washing machine drum
motor, these 12 A Triacs provide a very high
switching capability up to junction temperatures of
150 °C.
The heatsink can be reduced, compared to
traditional Triacs, according to the high
performance at given junction temperatures.

Description
Available in through-hole or surface mount
packages, the T1235H and T1250H Triac series
are suitable for general purpose mains power ac
switching.
By using an internal ceramic pad, the T12xxH-6I
provides voltage insulation (rated at 2500 V rms).




Similar Part No. - T1250H

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
T1250H JIEJIE-T1250H Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6A JIEJIE-T1250H-6A Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6B JIEJIE-T1250H-6B Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6E JIEJIE-T1250H-6E Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
T1250H-6F JIEJIE-T1250H-6F Datasheet
409Kb / 6P
12A TRIACs
Rev.4.0
More results


Similar Description - T1250H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
Snubberless high temperature 25 A Triacs
20-Jun-2006
T1635H STMICROELECTRONICS-T1635H Datasheet
123Kb / 10P
Snubberless TM high temperature 16 A Triacs
31-Aug-2006
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
Snubberless??high temperature 20 A Triacs
13-Jul-2006
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
High temperature 20 A Snubberless??TRIACs
15-Nov-2007
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
High temperature 16 A Snubberless™Triacs
20-Sep-2011
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
Snubberless™high temperature 30 A Triacs
20-Sep-2011
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
Snubberless high temperature 30 A Triacs
20-Sep-2011
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com