Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

845-059-524-607 Datasheet (PDF) - EDAC, All Rights Reserved.

845-059-524-607 Datasheet PDF - EDAC, All Rights Reserved.
Part # 845-059-524-607
Download  845-059-524-607 Download
File Size   95.69 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing

845-059-524-607 Datasheet (PDF)

Go To PDF Page Download Datasheet
845-059-524-607 Datasheet PDF - EDAC, All Rights Reserved.

Part # 845-059-524-607
Download  845-059-524-607 Click to download

File Size   95.69 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing

845-059-524-607 Datasheet (HTML) - EDAC, All Rights Reserved.


845-059-524-607 Product details

Features

  • .100" (2.54mm) Contact Spacing x .200" (5.08mm) Row Spacing
  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board
  • High Profile Insulator Body, .600" (15.24mm)
  • Contact Termination Options include P.C. Tail, Wire Hole, Wire Wrap, 90 and Extender Board Bends
  • Single or Dual Row Configurations
  • Large Variety of Mounting Options, Flush or Offset Lugs
  • Accepts between contact and In-Contact Polarizing Keys
  • Pre-assembled Card Guides are available
  • Automatic Wire Wrap Positioning Holes
  • RoHS Compliant, UL Certified




Similar Part No. - 845-059-524-607

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
845-059-524-607 EDAC-845-059-524-607 Datasheet
296Kb / 4P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results


Similar Description - 845-059-524-607

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
845-045-525-101 EDAC-845-045-525-101 Datasheet
99Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-049-500-103 EDAC-845-049-500-103 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-049-500-403 EDAC-845-049-500-403 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-500-108 EDAC-845-050-500-108 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-500-608 EDAC-845-050-500-608 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-050-555-203 EDAC-845-050-555-203 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-107 EDAC-845-051-500-107 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-108 EDAC-845-051-500-108 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-404 EDAC-845-051-500-404 Datasheet
96Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
845-051-500-607 EDAC-845-051-500-607 Datasheet
97Kb / 2P
845 Series High Temp Card Edge Connector | Green | 0.100" (2.54mm) Pitch | 0.200" (5.08mm) Row Spacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com