Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF10HF60KD Datasheet (PDF) - STMicroelectronics

GF10HF60KD Datasheet PDF - STMicroelectronics
Part # GF10HF60KD
Download  GF10HF60KD Download
File Size   477.41 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A - 600 V - short-circuit rugged IGBT

GF10HF60KD Datasheet (PDF)

Go To PDF Page Download Datasheet
GF10HF60KD Datasheet PDF - STMicroelectronics

Part # GF10HF60KD
Download  GF10HF60KD Click to download

File Size   477.41 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A - 600 V - short-circuit rugged IGBT

GF10HF60KD Datasheet (HTML) - STMicroelectronics


GF10HF60KD Product details

Features
■ Low on-voltage drop (VCE(sat))
■ Operating junction temperature up to 175 °C
■ Low Cres / Cies ratio (no cross conduction
susceptibility)
■ Tight parameter distribution
■ Ultrafast soft-recovery antiparallel diode
■ Short-circuit rugged

Applications
■ Motor drives
■ High frequency inverters
■ SMPS and PFC in both hard switch and
resonant topologies

Description
This device utilizes the advanced PowerMESH™
process for the IGBT and the Turbo 2 Ultrafast
high voltage technology for the diode. The
combination results in a very good trade-off
between conduction losses and switching
behavior rendering the product ideal for diverse
high voltage applications operating at high
frequencies.




Similar Part No. - GF10HF60KD

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GF1000 COOPER-GF1000 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
GF1000 ETC2-GF1000 Datasheet
307Kb / 2P
Ambient and accelerated cure schedules
GF1000SR ETC2-GF1000SR Datasheet
242Kb / 2P
Excellent slump resistance
logo
CUI Devices
GF1003 CUID-GF1003 Datasheet
1Mb / 3P
SPEAKER
08/05/2022
logo
CUI INC
GF1003M CUI-GF1003M Datasheet
269Kb / 2P
Square frame mylar cone - ferrite magnet
More results


Similar Description - GF10HF60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD_09 Datasheet
613Kb / 20P
10 A, 600 V short-circuit rugged IGBT
24-Nov-2009
STGB14NC60KD STMICROELECTRONICS-STGB14NC60KD_10 Datasheet
543Kb / 16P
14 A, 600 V - short-circuit rugged IGBT
15-Mar-2010
STGW40NC60KD STMICROELECTRONICS-STGW40NC60KD Datasheet
846Kb / 13P
600 V, 40 A short-circuit rugged IGBT
12-Mar-2014
STGF14HF60KD STMICROELECTRONICS-STGF14HF60KD Datasheet
412Kb / 12P
14 A - 600 V - short-circuit rugged IGBT
17-Aug-2009
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com