Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LCX125YMTR Datasheet (PDF) - STMicroelectronics

74LCX125YMTR Datasheet PDF - STMicroelectronics
Part # 74LCX125YMTR
Download  74LCX125YMTR Download
File Size   267.79 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs

74LCX125YMTR Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX125YMTR Datasheet PDF - STMicroelectronics

Part # 74LCX125YMTR
Download  74LCX125YMTR Click to download

File Size   267.79 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low-voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs

74LCX125YMTR Datasheet (HTML) - STMicroelectronics


74LCX125YMTR Product details

Features
■ 5 V tolerant inputs and outputs
■ High speed
– tPD = 5.2 ns (max.) at VCC = 3 V
■ Power-down protection on inputs and outputs
■ Symmetrical output impedance
– |IOH| = IOL = 24 mA (min.) at VCC = 3 V
■ PCI bus levels guaranteed at 24 mA
■ Balanced propagation delay
– tPLH ≅ tPHL
■ Operating voltage range
– VCC (opr.) = 2.0 V to 3.6 V
■ Pin and function compatible with 74 series 125
■ Latch-up performance exceeds 500 mA
(JESD 17)
■ ESD performance
– HBM: 2000 V (MIL STD 883 method 3015)
– MM: 200 V
– CDM: 1000 V

Applications
■ Automotive
■ Industrial
■ Computer
■ Consumer

Description
The 74LCX125 device is a low-voltage CMOS
quad bus buffer manufactured with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low-power and highspeed
3.3 V applications and can be interfaced to
a 5 V signal environment for both inputs and
outputs.
The device requires the 3-state control input G to
be set high to place the output in the high
impedance state.
It has the same speed performance at 3.3 V as
the 5 V AC/ACT family, combined with lower
power consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2 kV ESD immunity and transient excess
voltage.




Similar Part No. - 74LCX125YMTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX125 FAIRCHILD-74LCX125 Datasheet
523Kb / 11P
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125 STMICROELECTRONICS-74LCX125 Datasheet
216Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX125 STMICROELECTRONICS-74LCX125 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
logo
ON Semiconductor
74LCX125 ONSEMI-74LCX125 Datasheet
757Kb / 14P
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LCX125BQX FAIRCHILD-74LCX125BQX Datasheet
523Kb / 11P
Low Voltage Quad Buffer with 5V Tolerant Inputs and Outputs
More results


Similar Description - 74LCX125YMTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX541 STMICROELECTRONICS-74LCX541 Datasheet
225Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
Sep-2001
74LCX125 STMICROELECTRONICS-74LCX125 Datasheet
216Kb / 12P
LOW VOLTAGE CMOS QUAD BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F_07 Datasheet
276Kb / 10P
Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F Datasheet
239Kb / 9P
Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LCX125 STMICROELECTRONICS-74LCX125_06 Datasheet
241Kb / 16P
Low voltage CMOS quad bus buffer (3-State) with 5V tolerant inputs and outputs
13-Jul-2006
74LCX244 STMICROELECTRONICS-74LCX244_04 Datasheet
263Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX540 STMICROELECTRONICS-74LCX540 Datasheet
271Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
15-Sep-2004
74LCX541 STMICROELECTRONICS-74LCX541_07 Datasheet
295Kb / 17P
LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
24-Jan-2007
logo
Toshiba Semiconductor
TC74LCX125F TOSHIBA-TC74LCX125F_12 Datasheet
226Kb / 11P
Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com