Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC74ACT04F Datasheet (PDF) - Toshiba Semiconductor

TC74ACT04F Datasheet PDF - Toshiba Semiconductor
Part # TC74ACT04F
Download  TC74ACT04F Download
File Size   159.09 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74ACT04F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74ACT04F Datasheet PDF - Toshiba Semiconductor

Part # TC74ACT04F
Download  TC74ACT04F Click to download

File Size   159.09 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

TC74ACT04F Datasheet (HTML) - Toshiba Semiconductor


TC74ACT04F Product details

1. Functional Description • Hex Inverter
2. General
The TC74ACT04F is an advanced high speed CMOS INVERTER fabricated with silicon gate and double-layer
metal wiring C
2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
This device may be used as a level converter for interfacing TTL or NMOS to High Speed CMOS. The inputs are
compatible with TTL, NMOS and CMOS output voltage levels.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
3. Features
(1) High speed: tpd = 4.6 ns (typ.) at VCC = 5.0 V
(2) Low power dissipation: ICC = 4.0
µA (max) at T
a = 25
�
(3) Compatible with TTL inputs: VIL = 0.8 V (max)
: VIH = 2.0 V (min)
(4) Output current: |IOH|/IOL = 24 mA (min) (VCC = 4.5 V)
(5) Balanced propagation delays: tPLH
≈ tPHL
(6) Pin and function compatible with 74F04.




Similar Part No. - TC74ACT04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT04FT TOSHIBA-TC74ACT04FT Datasheet
171Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2021-09-07 Rev.2.0
TC74ACT04FT TOSHIBA-TC74ACT04FT_12 Datasheet
214Kb / 7P
Hex Inverter
TC74ACT04F TOSHIBA-TC74ACT04F_12 Datasheet
214Kb / 7P
Hex Inverter
More results


Similar Description - TC74ACT04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com