Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTS1680 Datasheet (PDF) - Kinetic Technologies.

KTS1680 Datasheet PDF - Kinetic Technologies.
Part # KTS1680
Download  KTS1680 Download
File Size   846.58 Kbytes
Page   10 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Surge and Over-voltage Protected Load Switch

KTS1680 Datasheet (PDF)

Go To PDF Page Download Datasheet
KTS1680 Datasheet PDF - Kinetic Technologies.

Part # KTS1680
Download  KTS1680 Click to download

File Size   846.58 Kbytes
Page   10 Pages
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
Description Surge and Over-voltage Protected Load Switch

KTS1680 Datasheet (HTML) - Kinetic Technologies.


KTS1680 Product details

Features

 Surge and ESD protected Input
 Surge Protection
■ IEC 61000-4-5: > 100V
 ESD Protection
■ IEC 61000-4-2 (Level 4)
 Contact: ±8kV
 Air Gap: ±15kV
■ Human Body Model: ±2kV
 Wide Input voltage range
 2.5V to 28V
 Low Quiescent Current: 60μA (typ.)
 N channel MOSFET load switch with low
forward voltage drop
 72mV @ 2A
 Fast turn-off response time
 300ns
 Flexible trip-point options
 Fixed 6.8V
 Adj. 4V to 20V
 Auto-enabled switch with typ. 15ms
debounce time
 Additional Under voltage (UVLO), Short-circuit
and Thermal shutdown protection
 Open-drain power good output
 Pb-free WLCSP-12 package
 -40°C to +85°C Temperature Range

Applications

 Smartphones
 Tablet Computers
 Mobile Internet Devices
 Peripherals

Brief Description

The KTS1680 over-voltage protection device features an
ultra-low 38mΩ (typical) on-resistance high current
integrated MOSFET which actively protects low-voltage
systems from voltage supply faults up to +28VDC. An
internal clamp protects the device from surges up to 100V.
An input voltage exceeding the over-voltage threshold will
cause the internal MOSFET to turn off, preventing
excessive voltage from damaging downstream devices.
When the OVLO input set below the external OVLO select
voltage, the KTS1680 automatically chooses the internal
fixed OVLO threshold, preset to 6.8V (typical). The overvoltage
protection threshold can be adjusted with optional
resistor divider to a voltage between 4V and 20V.
The device features an open-drain output ̅A̅̅C̅̅O̅̅̅K̅ indicating
a stable supply between the minimum supply voltage and
OVLO threshold. The KTS1680 is also protected against
over-current faults and has thermal protection.
The KTS1680 is available in a RoHS and Green compliant
12-Bump 1.30mm x 1.96mm WLCSP.




Similar Part No. - KTS1680

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680AEUZ-TR KINETIC-KTS1680AEUZ-TR Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1680CEUZ-TR KINETIC-KTS1680CEUZ-TR Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
More results


Similar Description - KTS1680

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSUU-120-D CUI-VSUU-120-D Datasheet
215Kb / 4P
input surge current, over voltage, over load, and over current protections
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
logo
Kinetic Technologies.
KTS1680A KINETIC-KTS1680A Datasheet
500Kb / 9P
Overvoltage Protected Load Switch with Surge Protection
June 2019 - Revision 04a
KTS1680C KINETIC-KTS1680C Datasheet
539Kb / 10P
Overvoltage Protected Load Switch with Surge Protection
October 2021 - Revision 04c
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
KTS1693 KINETIC-KTS1693 Datasheet
1Mb / 16P
Surge Protected Load Switch with OVP and OCP
September 2021 - Revision 04d
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com