Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILD206T Datasheet (PDF) - Vishay Siliconix

ILD206T Datasheet PDF - Vishay Siliconix
Part # ILD206T
Download  ILD206T Download
File Size   150.12 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package

ILD206T Datasheet (PDF)

Go To PDF Page Download Datasheet
ILD206T Datasheet PDF - Vishay Siliconix

Part # ILD206T
Download  ILD206T Click to download

File Size   150.12 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package

ILD206T Datasheet (HTML) - Vishay Siliconix


ILD206T Product details

DESCRIPTION
The ILD205T, ILD206T, ILD207T, ILD211T, and ILD213T are
optically coupled pairs with a gallium arsenide infrared LED
and a silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the device while
maintaining a high degree of electrical isolation between
input and output. The ILD205T, ILD206T, ILD207T, ILD211T,
and ILD213T come in a standard SOIC-8 small outline
package for surface mounting which makes it ideally suited
for high density applications with limited space. In addition
to eliminating through-holes requirements, this package
conforms to standards for surface mounted devices.
A specified minimum and maximum CTR allows a narrow
tolerance in the electrical design of the adjacent circuits. The
high BVCEO of 70 V gives a higher safety margin compared
to the industry standard of 30 V.

FEATURES
• Two channel coupler
• SOIC-8 surface mountable package
• Standard lead spacing of 0.05"
• Available only on tape and reel option
(conforms to EIA standard 481-2)
• Isolation test voltage, 4000 VRMS
• Compatible with dual wave, vapor phase and IR reflow
soldering
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• cUL - file no. E52744, equivalent to CSA bulletin 5A




Similar Part No. - ILD206T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD206T VISHAY-ILD206T Datasheet
376Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package
26-Oct-04
ILD206T VISHAY-ILD206T Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD206T VISHAY-ILD206T Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
More results


Similar Description - ILD206T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T Datasheet
376Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 package
26-Oct-04
VOD205T VISHAY-VOD205T Datasheet
121Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T Datasheet
90Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
ILD217T VISHAY-ILD217T_V01 Datasheet
87Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
VOD205T VISHAY-VOD205T_V01 Datasheet
122Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
VOD205T VISHAY-VOD205T_V02 Datasheet
122Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Nov-12
ILD205T VISHAY-ILD205T_V02 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T_V02 Datasheet
88Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
logo
ON Semiconductor
MOCD207M ONSEMI-MOCD207M Datasheet
238Kb / 9P
8-pin SOIC Dual-Channel Phototransistor Output Optocoupler
October, 2018 - Rev. 6
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com