Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VACR Datasheet (PDF) - Vishay Siliconix

VACR Datasheet PDF - Vishay Siliconix
Part # VACR
Download  VACR Download
File Size   124.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Housed Compact Wirewound Resistor

VACR Datasheet (PDF)

Go To PDF Page Download Datasheet
VACR Datasheet PDF - Vishay Siliconix

Part # VACR
Download  VACR Click to download

File Size   124.45 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Aluminum Housed Compact Wirewound Resistor

VACR Datasheet (HTML) - Vishay Siliconix


VACR Product details

FEATURES
• Power rating up to 500 W
• High overload capacity
• Protection IP20 or IP65
• Enhanced humidity protection
• Complete housed construction
• Multiple construction for higher power rating
• Heatsink mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Drive controllers
• Railway
• Frequency inverter
• Renewable energy




Similar Part No. - VACR

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
VAC CALIBER-VAC Datasheet
105Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
logo
Cypress Semiconductor
VAC068 CYPRESS-VAC068 Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A-BC CYPRESS-VAC068A-BC Datasheet
190Kb / 6P
VMEbus Address Controller
VAC068A-GC CYPRESS-VAC068A-GC Datasheet
190Kb / 6P
VMEbus Address Controller
More results


Similar Description - VACR

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UAL WILLOW-UAL Datasheet
645Kb / 4P
Aluminum Housed Wirewound Resistors
logo
Riedon Powertron
UAL-5 RIEDON-UAL-5 Datasheet
540Kb / 4P
Aluminum Housed Wirewound Resistors
logo
Ohmite Mfg. Co.
WFH90L4R7KE OHMITE-WFH90L4R7KE Datasheet
111Kb / 1P
Aluminum Housed Wirewound Power
WFH OHMITE-WFH Datasheet
319Kb / 2P
Aluminum Housed Wirewound Power
logo
Riedon Powertron
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com