Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9781TR Datasheet (PDF) - STMicroelectronics

L9781TR Datasheet PDF - STMicroelectronics
Part # L9781TR
Download  L9781TR Download
File Size   270.45 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive multiple valve pre-driver for diesel and gasoline direct injection

L9781TR Datasheet (PDF)

Go To PDF Page Download Datasheet
L9781TR Datasheet PDF - STMicroelectronics

Part # L9781TR
Download  L9781TR Click to download

File Size   270.45 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive multiple valve pre-driver for diesel and gasoline direct injection

L9781TR Datasheet (HTML) - STMicroelectronics


L9781TR Product details

Features
• AEC-Q100 qualified
• 1 x DC/DC converter controller for VTank voltage generation (up to 80 V):
– 1 x low-side push-pull type N-channel MOSFET pre-driver
– 1 x current sensing block for current limitation
– 1 x voltage comparator with hysteresis for VTank voltage sensing
• 2 x driving channel controllers each made up of:
– 1 x high-side push-pull type VTank N-channel MOSFET pre-driver
– 1 x high-side push-pull type VBat N-channel MOSFET pre-driver
– 2 x low-side push-pull type N-channel MOSFET pre-driver
– 1 x differential amplifier with programmable gain for current sensing & peak
current detection
– 1 x digital-to-analog converter for peak current threshold setting
– 1 x HW protection and diagnosis block for full load protection from
accidental external short circuits
• 1 x additional peak and hold controller:
– 1 x high-side push-pull type VBat N-channel MOSFET pre-driver
– 1 x low-side push-pull type N-channel MOSFET pre-driver
– 1 x differential amplifier with programmable gain for current sensing and
peak current detection
– 1 x digital-to-analog converter for peak current threshold setting
– 1 x HW protection and diagnosis block for full load protection from
accidental external short circuits
• 1 x 32 bit SPI interface (up to 8 MHz)
– IC general control
– Programmable parameters setting
– Diagnosis and hardware protection management

Description
The L9781 is a multi valve pre-driver capable of driving 11 external N-channel logic
level MOSFETs, controlling up to 5 inductive loads through peak and hold current
control and one DC/DC step-up converter, providing full protection against accidental
faults on the external hardware. The load peak and hold current control (together with
the diagnosis) is done by the internal configurable Finite State Machines (FSMs)
needing only the start of actuation commands from the main microcontroller.




Similar Part No. - L9781TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9780 STMICROELECTRONICS-L9780 Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9780TR STMICROELECTRONICS-L9780TR Datasheet
872Kb / 56P
Wide range air fuel sensor control interface
27-Nov-2014
L9788 STMICROELECTRONICS-L9788 Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
L9788TR STMICROELECTRONICS-L9788TR Datasheet
3Mb / 264P
Multifunction IC for automotive engine management system
30-May-2022
More results


Similar Description - L9781TR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279 Datasheet
693Kb / 35P
Antenna Driver for Multiple Antennas
ATA5279 ATMEL-ATA5279_10 Datasheet
927Kb / 39P
Antenna Driver for Multiple Antennas
logo
Allegro MicroSystems
A3944 ALLEGRO-A3944 Datasheet
601Kb / 31P
Automotive, Low-Side FET Pre-Driver
A3944KLPTR-T ALLEGRO-A3944KLPTR-T Datasheet
598Kb / 31P
Automotive, Low-Side FET Pre-Driver
logo
ATMEL Corporation
ATA5279 ATMEL-ATA5279_14 Datasheet
1Mb / 37P
Antenna Driver for Multiple Antennas
logo
Melexis Microelectronic...
MLX83203-2 MELEXIS-MLX83203-2 Datasheet
2Mb / 42P
Automotive 3-Phase BLDC Pre-Driver
logo
Rohm
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
3-Phase Brushless Motor Pre-driver for Automotive
logo
STMicroelectronics
L99ASC03G STMICROELECTRONICS-L99ASC03G Datasheet
926Kb / 70P
Brushless / sensorless 3-phase motor pre-driver for automotive applications
12-Jul-2016
L9305 STMICROELECTRONICS-L9305 Datasheet
1Mb / 107P
Automotive 4-channel valve driver
25-Nov-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com