Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2178 Datasheet (PDF) - Alpha Wire

2178 Datasheet PDF - Alpha Wire
Part # 2178
Download  2178 Download
File Size   101.31 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2178 Datasheet (PDF)

Go To PDF Page Download Datasheet
2178 Datasheet PDF - Alpha Wire

Part # 2178
Download  2178 Click to download

File Size   101.31 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2178 Datasheet (HTML) - Alpha Wire


2178 Product details

Construction
1) Conductor
a) Material Tinned Copper, per ASTMB-33 and CID-A-A-59551
b) Stranding Solid
c) Diameter 0.010"
2) Braid Data
a) Nominal ID 1" (1.000)
b) AWG of Ends 30
c) Number of Carriers 48
d) Nominal Percent Coverage 90
e) Total Number of Ends 384
f) Approx. Equiv. AWG 4
g) Approx. Ampacity 120 Amps
h) Federal Spec Number AA59569R30T1000

Applicable Specifications
1) DSCC-VAI A-A-59569A




Similar Part No. - 2178

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2178 ADAFRUIT-2178 Datasheet
222Kb / 3P
5mm Chromed Metal Wide Concave Bevel LED Holder - Pack of 5
10/5/2015
logo
Sumida Corporation
2178-T044 SUMIDA-2178-T044 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
logo
Littelfuse
217800 LITTELFUSE-217800 Datasheet
224Kb / 2P
5 x 20 mm Fast-Acting Fuse
217800P LITTELFUSE-217800P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Molex Electronics Ltd.
2178040001 MOLEX-2178040001 Datasheet
395Kb / 4P
TOP MOUNT USB TYPE C RECEPTACLE IPX8
REVISION A
More results


Similar Description - 2178

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com