Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6387D Datasheet (PDF) - STMicroelectronics

A6387D Datasheet PDF - STMicroelectronics
Part # A6387D
Download  A6387D Download
File Size   331.75 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high- and low-side driver for automotive applications

A6387D Datasheet (PDF)

Go To PDF Page Download Datasheet
A6387D Datasheet PDF - STMicroelectronics

Part # A6387D
Download  A6387D Click to download

File Size   331.75 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage high- and low-side driver for automotive applications

A6387D Datasheet (HTML) - STMicroelectronics


A6387D Product details

Features
 High voltage rail up to 550 V
 dV/dt immunity ± 50 V/nsec in full temperature
range
 Driver current capability
– 400 mA source
– 650 mA sink
 Switching times 50/30 nsec rise/fall with 1 nF
load
 CMOS/TTL Schmitt-trigger inputs with
hysteresis and pull down
 Internal bootstrap diode
 Outputs in phase with inputs
 Interlocking function
 AECQ100 automotive qualified

Description
The A6387 is a high voltage device,
manufactured with the BCD™ “offline”
technology. It is a single chip half-bridge gate
driver for N-channel Power MOSFETs or IGBTs.
The high-side (floating) section is designed to
stand a voltage rail of up to 550 V. The logic
inputs are CMOS/TTL compatible for easy
interfacing of the microcontroller or DSP.

Applications
 Drive inverters for HEV and EV
 HID ballasts, power supply units
 Motion driver for home appliances, factory
automation, industrial drives




Similar Part No. - A6387D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A63 MACOM-A63 Datasheet
112Kb / 1P
5 TO 1000 MHz CASCADABLE AMPLIFIER
A63 MACOM-A63 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Connor-Winfield Corpora...
A63 CONNOR-WINFIELD-A63 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A63 MA-COM-A63 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 1000 MHz
logo
ABB
A63-30-00 ABB-A63-30-00 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
More results


Similar Description - A6387D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
Jul-1999
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2005
L6392 STMICROELECTRONICS-L6392 Datasheet
439Kb / 19P
High-voltage high and low side driver
18-Mar-2008
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
High-voltage high and low side driver
11-Oct-2007
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May-2001
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
High voltage high and low-side driver
27-Mar-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com