Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH60N60B2 Datasheet (PDF) - IXYS Corporation

IXGH60N60B2 Datasheet PDF - IXYS Corporation
Part # IXGH60N60B2
Download  IXGH60N60B2 Download

File Size   579.55 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching

IXGH60N60B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
IXGH60N60B2 Datasheet PDF - IXYS Corporation

Part # IXGH60N60B2
Download  IXGH60N60B2 Click to download

File Size   579.55 Kbytes
Page   5 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching

IXGH60N60B2 Datasheet (HTML) - IXYS Corporation

IXGH60N60B2 Datasheet HTML 1Page - IXYS Corporation IXGH60N60B2 Datasheet HTML 2Page - IXYS Corporation IXGH60N60B2 Datasheet HTML 3Page - IXYS Corporation IXGH60N60B2 Datasheet HTML 4Page - IXYS Corporation IXGH60N60B2 Datasheet HTML 5Page - IXYS Corporation

IXGH60N60B2 Product details

Optimized for 10-25 kHz hard switching and up to 100 KHz resonant switching



Features

Medium frequency IGBT

Square RBSOA

High current handling capability

MOS Gate turn-on

   - drive simplicity

Applications

PFC circuits

Uninterruptible power supplies (UPS)

Switched-mode and resonant-mode power supplies

AC motor speed control

DC servo and robot drives

DC choppers



Similar Part No. - IXGH60N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
   Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
68Kb / 1P
   HIGH CURRENT MOSIGBT
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
   GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results


Similar Description - IXGH60N60B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60B2 IXYS-IXGP30N60B2 Datasheet
554Kb / 5P
   Optimized for 10-25 KHz hard switching and up to 150 KHz resonant switching
IXGN80N60A2 IXYS-IXGN80N60A2 Datasheet
530Kb / 2P
   Optimized for Switching up to 5 kHz
IXGA14N120B IXYS-IXGA14N120B Datasheet
156Kb / 5P
   IGBT Optimized for switching up to 35 KHz
logo
Infineon Technologies A...
IKD03N60RF INFINEON-IKD03N60RF_16 Datasheet
1Mb / 16P
   TRENCHSTOPTM RC-Series for hard switching applications up to 30 kHz
Rev.2.6,2016-05-10
logo
Rhombus Industries Inc.
T-1165 RHOMBUS-IND-T-1165 Datasheet
21Kb / 1P
   100 kHz Switching Transformer
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
   ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
   Higher switching frequency up to 150 kHz
Revision: 17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
   Higher switching frequency up to 150 kHz
Revision: 17-Oct-16
logo
Microchip Technology
MIC2171 MICROCHIP-MIC2171 Datasheet
2Mb / 24P
   100 kHz, 2.5A Switching Regulator
Revision A (May 2022)
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com