Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH-AHC00K1 Datasheet (PDF) - STMicroelectronics

RH-AHC00K1 Datasheet PDF - STMicroelectronics
Part # RH-AHC00K1
Download  RH-AHC00K1 Download
File Size   631.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard, quad high speed NAND gate

RH-AHC00K1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RH-AHC00K1 Datasheet PDF - STMicroelectronics

Part # RH-AHC00K1
Download  RH-AHC00K1 Click to download

File Size   631.47 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard, quad high speed NAND gate

RH-AHC00K1 Datasheet (HTML) - STMicroelectronics


RH-AHC00K1 Product details

Features
• 1.8 V to 3.3 V nominal supply
• 3.6 V max. operating
• 4.8 V AMR
• Very high speed: propagation delay of 3 ns maximum guaranteed
• Pure CMOS process
• CMOS output
• Ultra low power
• 300 krad TID targeted
• 125 MeV.cm2/mg SEL free
• 62.5 MeV.cm2/mg SET free

Description
The RHFAHC00 device is a very high speed pure CMOS quad 2-input NAND gate,
designed for radiation hardness and characterized in total ionization dose (TID) and
single event effect (SEE).
It is available in die-form and in hermetic ceramic Flat 14-lead screened as per MILPRF-
38535 to comply with the needs of space applications. It can work from -55 °C
to +125 °C ambient temperature.

Applications
• Oscillators in space applications
• FPGA
• Microcontrollers




Similar Part No. - RH-AHC00K1

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RH-0505D RECOM-RH-0505D Datasheet
111Kb / 3P
1Watt SIP7 Single & Dual Output
RH-0505D/H6 RECOM-RH-0505D/H6 Datasheet
320Kb / 4P
1 Watt SIP7 Single and Dual Output
RH-0509D RECOM-RH-0509D Datasheet
111Kb / 3P
1Watt SIP7 Single & Dual Output
RH-051.8D RECOM-RH-051.8D Datasheet
111Kb / 3P
1Watt SIP7 Single & Dual Output
RH-0512D RECOM-RH-0512D Datasheet
111Kb / 3P
1Watt SIP7 Single & Dual Output
More results


Similar Description - RH-AHC00K1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC00 STMICROELECTRONICS-M54HC00_04 Datasheet
104Kb / 8P
RAD-HARD QUAD 2-INPUT NAND GATE
Mar-2004
M54HC02 STMICROELECTRONICS-M54HC02_04 Datasheet
105Kb / 8P
RAD-HARD QUAD 2-INPUT NOR GATE
Mar-2004
M54HC03 STMICROELECTRONICS-M54HC03_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OPEN DRAIN NAND GATE
Mar-2004
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
RAD-HARD TRIPLE 3-INPUT NAND GATE
Mar-2004
M54HC20 STMICROELECTRONICS-M54HC20_04 Datasheet
104Kb / 8P
RAD-HARD DUAL 4-INPUT NAND GATE
Apr-2004
M54HC30 STMICROELECTRONICS-M54HC30_04 Datasheet
115Kb / 8P
RAD-HARD 8-INPUT NAND GATE
Apr-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
RAD HARD QUAD EXCLUSIVE OR GATE
01-Jun-2004
M54HC132 STMICROELECTRONICS-M54HC132_04 Datasheet
104Kb / 7P
RAD-HARD QUAD 2-INPUT SCHMITT NAND GATE
Mar-2004
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com