Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC20CI Datasheet (PDF) - First Silicon Co., Ltd

GBLC20CI Datasheet PDF - First Silicon Co., Ltd
Part # GBLC20CI
Download  GBLC20CI Download
File Size   314.5 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-directional Ultra Low Capacitance TVS Array SOD-323 Plastic-Encapsulate ESD Protection Diodes

GBLC20CI Datasheet (PDF)

Go To PDF Page Download Datasheet
GBLC20CI Datasheet PDF - First Silicon Co., Ltd

Part # GBLC20CI
Download  GBLC20CI Click to download

File Size   314.5 Kbytes
Page   4 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description Bi-directional Ultra Low Capacitance TVS Array SOD-323 Plastic-Encapsulate ESD Protection Diodes

GBLC20CI Datasheet (HTML) - First Silicon Co., Ltd


GBLC20CI Product details

DESCRIPTION
The GBLCxxCI Series are ultra low capacitance transient voltage suppressor arrays, designed to
protect applications such as portable electronics and SMART phones. This series is available in both
unidirectional and bidirectional configurations and is rated at 350 Watts for an 8/20μs wave shape.
The GBLCxxCI and Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At
higher operating frequencies or faster edge rates, insertion loss and signal integrity are a major concern.
This series offers a ultra low capacitance and low leakage current in a miniature SOD-323 package.

Features
Peak Power Dissipation 350 W (8/20μs)
IEC61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ns)
IEC61000-4-5 (Lightning) 12A (8/20μs)
Protects one I/O line (bidirectional)
Low clamping voltage
Working voltages : 3V, 5V, 8V, 12V, 15V, 18V,
20V,24V
Response Time is < 1 ns
Meets MSL 1 Requirements

Applications
Cell Phone Handsets and Accessories
Microprocessor based equipment
Personal Digital Assistants (PDA’s)
Notebooks, Desktops, and Servers
Portable Instrumentation
USB Interface
Peripherals




Similar Part No. - GBLC20CI

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
GBLC20CI CHENDA-GBLC20CI Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
SHIKUES Electronics
GBLC20CI SKTECHNOLGY-GBLC20CI Datasheet
1Mb / 2P
Bi-directional Ultra Low Capacitance TVS Array
More results


Similar Description - GBLC20CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC15CI LEIDITECH-LC15CI Datasheet
132Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Microdiode Semiconducto...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Shanghai Leiditech Elec...
LC3304EP8_V1 LEIDITECH-LC3304EP8_V1 Datasheet
426Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
SHIKUES Electronics
GBLCXXCI SKTECHNOLGY-GBLCXXCI Datasheet
1Mb / 2P
Bi-directional Ultra Low Capacitance TVS Array
logo
Shanghai Leiditech Elec...
LC36CI LEIDITECH-LC36CI Datasheet
374Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
UDD32C24L01 LEIDITECH-UDD32C24L01 Datasheet
390Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
ULC03CTN LEIDITECH-ULC03CTN Datasheet
1Mb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com