Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAM-3937-BE. Datasheet (PDF) - Advantech Co., Ltd.

ADAM-3937-BE. Datasheet PDF - Advantech Co., Ltd.
Part # ADAM-3937-BE.
Download  ADAM-3937-BE. Download
File Size   355.7 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description DIN-rail Terminal Boards

ADAM-3937-BE. Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAM-3937-BE. Datasheet PDF - Advantech Co., Ltd.

Part # ADAM-3937-BE.
Download  ADAM-3937-BE. Click to download

File Size   355.7 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description DIN-rail Terminal Boards

ADAM-3937-BE. Datasheet (HTML) - Advantech Co., Ltd.


ADAM-3937-BE. Product details

Features
ƒƒ Low cost universal DIN-rail mounting screw terminal module for
PC-LabCard™ products with DB9 connector
ƒƒ Case dimensions (W x L x H): 77.5 x 45 x 51 mm (3.1" x 1.8" x 2.0")




Similar Part No. - ADAM-3937-BE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3937-BE ADVANTECH-ADAM-3937-BE Datasheet
471Kb / 2P
Compact Vision System
ADAM-3937-BE ADVANTECH-ADAM-3937-BE Datasheet
518Kb / 2P
Compact Vision System
ADAM-3937-BE ADVANTECH-ADAM-3937-BE Datasheet
1Mb / 2P
USB3.0 CAM Compact System
ADAM-3937-BE ADVANTECH-ADAM-3937-BE Datasheet
296Kb / 1P
4-Axis PC-Based Motion Controller with 32-Channel Digital I/O
27-Jun-2018
ADAM-3937-BE ADVANTECH-ADAM-3937-BE Datasheet
446Kb / 1P
32-ch Isolated Digital I/O with universal output PCI Express Card
16-Jan-2019
More results


Similar Description - ADAM-3937-BE.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3909 ADVANTECH-ADAM-3909 Datasheet
564Kb / 2P
DIN-rail Terminal Boards
ADAM-3900 ADVANTECH-ADAM-3900 Datasheet
547Kb / 1P
DIN-rail Terminal Boards
ADAM-3940 ADVANTECH-ADAM-3940 Datasheet
679Kb / 1P
DIN-rail Terminal Boards
15-Mar-2016
logo
CUI Devices
TBDR-05-15-GY CUID-TBDR-05-15-GY Datasheet
341Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-05-25-GY CUID-TBDR-05-25-GY Datasheet
338Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-07-15-GY CUID-TBDR-07-15-GY Datasheet
340Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-10-15-GY CUID-TBDR-10-15-GY Datasheet
339Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
TBDR-10-25-GY CUID-TBDR-10-25-GY Datasheet
343Kb / 3P
DIN RAIL TERMINAL BLOCK
1.0 11/21/2022
logo
WECO ELECTRICAL CONNECT...
717 WECO-717 Datasheet
127Kb / 1P
Motor terminal boards similar to DIN 46294
12.19
logo
FIBOX Enclosing innovat...
3510844 FIBOX-3510844 Datasheet
47Kb / 1P
DIN terminal rail
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com