Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZU04DFT2G Datasheet (PDF) - ON Semiconductor

NL27WZU04DFT2G Datasheet PDF - ON Semiconductor
Part # NL27WZU04DFT2G
Download  NL27WZU04DFT2G Download
File Size   341.0 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Unbuffered Inverter

NL27WZU04DFT2G Datasheet (PDF)

Go To PDF Page Download Datasheet
NL27WZU04DFT2G Datasheet PDF - ON Semiconductor

Part # NL27WZU04DFT2G
Download  NL27WZU04DFT2G Click to download

File Size   341.0 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Unbuffered Inverter

NL27WZU04DFT2G Datasheet (HTML) - ON Semiconductor


NL27WZU04DFT2G Product details

The NL27WZU04 is a high performance dual unbuffered inverter
operating from a 1.65 to 5.5 V supply.

Features
• Designed for 1.65 V to 5.5 V VCC Operation
• Input Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 24 mA at 3.0 V
• Source/Sink 12 mA at 3.0 V (NLV)
• Available in SC−88, SC−74, TSOP−6 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NL27WZU04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04DFT2G ONSEMI-NL27WZU04DFT2G Datasheet
62Kb / 6P
Dual Unbuffered Inverter
September, 2004 ??Rev. 3
NL27WZU04DFT2G ONSEMI-NL27WZU04DFT2G Datasheet
78Kb / 6P
Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NL27WZU04DFT2G ONSEMI-NL27WZU04DFT2G Datasheet
122Kb / 6P
Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Similar Description - NL27WZU04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZU04 ONSEMI-NL27WZU04_07 Datasheet
78Kb / 6P
Dual Unbuffered Inverter
February, 2007 ??Rev. 5
NLX2GU04 ONSEMI-NLX2GU04 Datasheet
92Kb / 8P
Dual Unbuffered Inverter
March, 2008 - Rev. 0
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
Dual unbuffered inverter
Rev. 01-6 October 2006
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
Dual unbuffered inverter
Rev. 2-20 August 2014
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
Dual unbuffered inverter
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
Dual unbuffered inverter
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
Dual unbuffered inverter
Rev. 3 - 4 February 2022
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
Dual unbuffered inverter
Rev. 3 - 4 February 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com