Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWT22N65D Datasheet (PDF) - Xian Semipower Electronic Technology Co., Ltd.

SWT22N65D Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.
Part # SWT22N65D
Download  SWT22N65D Download
File Size   649.95 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode TO-247 MOSFETS

SWT22N65D Datasheet (PDF)

Go To PDF Page Download Datasheet
SWT22N65D Datasheet PDF - Xian Semipower Electronic Technology Co., Ltd.

Part # SWT22N65D
Download  SWT22N65D Click to download

File Size   649.95 Kbytes
Page   6 Pages
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.
Description N-channel Enhanced mode TO-247 MOSFETS

SWT22N65D Datasheet (HTML) - Xian Semipower Electronic Technology Co., Ltd.


SWT22N65D Product details

Features

High ruggedness

Low RDS(ON) (Typ 0.22Ω)@VGS=10V

Low Gate Charge (Typ 123nC)

Improved dv/dt Capability

100% Avalanche Tested

Application: LED , Charger, PC Power




Similar Part No. - SWT22N65D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWT201-UPXN-S01-UU-UU ETC2-SWT201-UPXN-S01-UU-UU Datasheet
115Kb / 1P
CRIMP TERMINAL - SWH201
SWT25X-UXXC-S01-UU-UU ETC2-SWT25X-UXXC-S01-UU-UU Datasheet
120Kb / 1P
CRIMP TERMINAL - SWH25X
More results


Similar Description - SWT22N65D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW22N65D SEMIPOWER-SW22N65D Datasheet
757Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW24N50D SEMIPOWER-SW24N50D Datasheet
719Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N60K SEMIPOWER-SW38N60K Datasheet
815Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65K SEMIPOWER-SW38N65K Datasheet
819Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65KF SEMIPOWER-SW38N65KF Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N70K SEMIPOWER-SW38N70K Datasheet
788Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N60K SEMIPOWER-SW47N60K Datasheet
847Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW69N65K2F SEMIPOWER-SW69N65K2F Datasheet
639Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW88N60K2 SEMIPOWER-SW88N60K2 Datasheet
672Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
May.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com