Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS883IST Datasheet (PDF) - STMicroelectronics

TS883IST Datasheet PDF - STMicroelectronics
Part # TS883IST
Download  TS883IST Download
File Size   1164.79 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wireless motion detector based on Bluetooth® Low Energy and PIR sensor

TS883IST Datasheet (PDF)

Go To PDF Page Download Datasheet
TS883IST Datasheet PDF - STMicroelectronics

Part # TS883IST
Download  TS883IST Click to download

File Size   1164.79 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Wireless motion detector based on Bluetooth® Low Energy and PIR sensor

TS883IST Datasheet (HTML) - STMicroelectronics


TS883IST Product details

Features
• BlueNRG-M2SA module for communication
• Signal conditioning based on TSU102
• Window comparator based on TS883
• STLQ020 power management
• CR2032 coin cell batter
• Connectivity with STBLESensor app
• Motion detection range up to 5 m
• Low-power design
• RoHS compliant

Description
The STEVAL-BLUEPIRV1 evaluation board is an application example design of a
wireless motion detector based on a passive infrared (PIR) sensor and featuring
Bluetooth® Low Energy wireless connectivity.
The passive infrared sensors are the most used sensors for motion detection, thanks
to their low-power consumption and price.
The STEVAL-BLUEPIRV1 evaluation board uses IRA-S210ST01 by Murata. The
detection range of the IML-0688 Fresnel lens is up to 5 m.
The on-board low-power TSU102 CMOS op-amp and TS883 comparator perform the
analog signal conditioning with a power consumption in a sub-μA range.
The embedded BlueNRG-M2SA FCC and IC certified radio module (FCC ID:
S9N-BNRGM2S and IC: 8976CBNRGM2SA), which integrates an application
microcontroller based on an Arm® Cortex®-M0 core, features the Bluetooth® Low
Energy connectivity.
The whole design has been built by focusing on low-power consumption. Even
though powered via a CR2032 coin-cell battery, the board expected lifetime is around
a year.




Similar Part No. - TS883IST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
TS881 STMICROELECTRONICS-TS881 Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ICT STMICROELECTRONICS-TS881ICT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
5Mb / 6P
Training kit for operational amplifiers and comparators
TS881ILT STMICROELECTRONICS-TS881ILT Datasheet
918Kb / 21P
Rail-to-rail 0.9 V nanopower comparator
16-Dec-2013
More results


Similar Description - TS883IST

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
M2006C ETC-M2006C Datasheet
197Kb / 5P
PIR Motion Detector
MK71050-03 ETC2-MK71050-03 Datasheet
616Kb / 23P
Bluetooth Low Energy wireless module
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
List of Unclassifed Man...
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
PIR MOTION DETECTOR
logo
Panasonic Semiconductor
EKMC4607111K PANASONIC-EKMC4607111K Datasheet
674Kb / 10P
PIR MOTION SENSOR
logo
List of Unclassifed Man...
HC-SR505 ETC1-HC-SR505 Datasheet
229Kb / 3P
Mini PIR Motion Sensor
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com