Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFML-105-03-S-D-LC Datasheet (PDF) - Samtec, Inc

SFML-105-03-S-D-LC Datasheet PDF - Samtec, Inc
Part # SFML-105-03-S-D-LC
Download  SFML-105-03-S-D-LC Download
File Size   604.3 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description RUGGED TIGER EYE™ SYSTEMS (1.27 mm) .050" PITCH

SFML-105-03-S-D-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
SFML-105-03-S-D-LC Datasheet PDF - Samtec, Inc

Part # SFML-105-03-S-D-LC
Download  SFML-105-03-S-D-LC Click to download

File Size   604.3 Kbytes
Page   2 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description RUGGED TIGER EYE™ SYSTEMS (1.27 mm) .050" PITCH

SFML-105-03-S-D-LC Datasheet (HTML) - Samtec, Inc


SFML-105-03-S-D-LC Product details

• Screw down, locking clip, friction latching and
weld tab ruggedizing options
• Shrouded, polarized and keyed
• Surface mount or through-hole tails
• High-density, four row design (FOLC/MOLC Series)
• Discrete wire assemblies available in single or double row, 28
and 30 AWG PVC or Teflon® wire; contact asp@samtec.com
for custom solutions
• Cable components (ISDF/CC03) and tooling available
FEATURES & BENEFITS




Similar Part No. - SFML-105-03-S-D-LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFM VISHAY-SFM Datasheet
74Kb / 3P
Thin Film Top-Contact Resistor
25-Feb-13
logo
Luminus, Inc
SFM-03X-RAB LUMINUS-SFM-03X-RAB Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-03X-RAB-J30-MPA LUMINUS-SFM-03X-RAB-J30-MPA Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-03X-RAB-J30-MPZ LUMINUS-SFM-03X-RAB-J30-MPZ Datasheet
1Mb / 16P
Projection Dual Red-Blue LED
Rev 01
SFM-06X-RAB LUMINUS-SFM-06X-RAB Datasheet
1Mb / 15P
Projection LED
2021
More results


Similar Description - SFML-105-03-S-D-LC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-05-28-H-10.00-SR SAMTEC-SFSD-05-28-H-10.00-SR Datasheet
238Kb / 1P
TIGER EYE??DISCRETE CABLE ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
TIGER EYE IDC SOCKET CABLE
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
TIGER EYE DISCRETE CABLE ASSEMBLY
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SFC SAMTEC-SFC Datasheet
324Kb / 1P
(1.27 mm) .050
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com