Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2HA Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

ES2HA Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # ES2HA
Download  ES2HA Download
File Size   54.99 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2.0 AMPS. Super Fast Surface Mount Rectifiers

ES2HA Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2HA Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # ES2HA
Download  ES2HA Click to download

File Size   54.99 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 2.0 AMPS. Super Fast Surface Mount Rectifiers

ES2HA Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


ES2HA Product details

FEATURES
- Glass passivated junction chip
- Ideal for automated placement
- Low profile package
- Built-in strain rellef
- Super fast recovery time for high efficiency
- Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
- Halogen-free according to IEC 61249-2-21 definition

MECHANICAL DATA
   Case: DO-214AC (SMA)
   Molding compound, UL flammability classification rating 94V-0
   Base P/N with suffix "G" on packing code - Green compound (halogen-free)
   Base P/N with prefix "H" on packing code - AEC-Q101 qualified
   Terminal: Matte tin plated leads, solderable per JESD22-B102
   Meet JESD 201 class 1A whisker test
   with prefix "H" on packing code meet JESD 201 class 2 whisker test
   Polarity: Indicated by cathode band
   Weight: 0.06 g (approximately)




Similar Part No. - ES2HA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES2HA TSC-ES2HA Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
ES2HA PACELEADER-ES2HA Datasheet
166Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Taiwan Semiconductor Co...
ES2HA TSC-ES2HA Datasheet
447Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2HA TSC-ES2HA Datasheet
196Kb / 2P
2.0AMPS Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES2HA LUGUANG-ES2HA Datasheet
184Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
More results


Similar Description - ES2HA

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF21 JGD-SF21 Datasheet
159Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
SF31 JGD-SF31 Datasheet
160Kb / 2P
2.0 AMPS. SUPER FAST RECTIFIERS
logo
List of Unclassifed Man...
ES2A ETC1-ES2A Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_1 Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
ES2AA TSC-ES2AA_1 Datasheet
134Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A TSC-ES2A_10 Datasheet
597Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2AA TSC-ES2AA_10 Datasheet
447Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
ES2AA LUGUANG-ES2AA Datasheet
184Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2A LUGUANG-ES2A Datasheet
229Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com