Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VOF-275 Datasheet (PDF) - CUI INC

VOF-275 Datasheet PDF - CUI INC
Part # VOF-275
Download  VOF-275 Download
File Size   980.64 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AC-DC POWER SUPPLY

VOF-275 Datasheet (PDF)

Go To PDF Page Download Datasheet
VOF-275 Datasheet PDF - CUI INC

Part # VOF-275
Download  VOF-275 Click to download

File Size   980.64 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AC-DC POWER SUPPLY

VOF-275 Datasheet (HTML) - CUI INC


VOF-275 Product details

FEATURES
• up to 275 W continuous power
• -40°C to 70°C operating temperature
• industry standard foot print 3” x 5”
• low profile 0.75”
• power factor correction
• 12 V/0.5 A fan output
• standby power <0.5 W
• efficiency up to 92%
• long life electrolytic capacitors




Similar Part No. - VOF-275

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-275 CUI-VOF-275 Datasheet
734Kb / 6P
AC-DC POWER SUPPLY
VOF-275-12 CUI-VOF-275-12 Datasheet
734Kb / 6P
AC-DC POWER SUPPLY
VOF-275-15 CUI-VOF-275-15 Datasheet
734Kb / 6P
AC-DC POWER SUPPLY
VOF-275-24 CUI-VOF-275-24 Datasheet
734Kb / 6P
AC-DC POWER SUPPLY
VOF-275-30 CUI-VOF-275-30 Datasheet
734Kb / 6P
AC-DC POWER SUPPLY
More results


Similar Description - VOF-275

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com