Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7121A Datasheet (PDF) - AiT Semiconductor Inc.

A7121A Datasheet PDF - AiT Semiconductor Inc.
Part # A7121A
Download  A7121A Download
File Size   1188.59 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS

A7121A Datasheet (PDF)

Go To PDF Page Download Datasheet
A7121A Datasheet PDF - AiT Semiconductor Inc.

Part # A7121A
Download  A7121A Click to download

File Size   1188.59 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz, 2.0A, 6V SYNCHRONOUS

A7121A Datasheet (HTML) - AiT Semiconductor Inc.


A7121A Product details

DESCRIPTION
The A7121A is a high efficiency synchronous step-down DC-DC converter. Its input voltage range is from 2.7V to 6V and provides an adjustable regulated output voltage from 0.6V to 3.4V while delivering up to 2A of output current.
The current mode architecture of A7121A operation with internal compensation allows the transient response to be optimized over a wide range of loads and output capacitors.
The very low supply current with no load is 60uA and even drops to <1uA in shutdown. The 2.7V to 6.0V input voltage range makes the A7121A ideally designed for single Li-Ion, two to four AA battery-powered applications. It’s 100% duty cycle provides low dropout operation to extend battery life in portable systems.
The PWM pulse skipping mode of A7121A, 1MHz internal switching frequency, allows very small inductors and capacitors and provides very low output ripple voltage for noise sensitive applications.
The A7121A is available in SOT-25 and SOT-26 packages.

FEATURES
 High Efficiency: Up to 97%
 Vin Range from 2.7V to 6V
 Output Voltage as Low as 0.6V , V REF =0.6V
 1MHz Constant Switching Frequency
 2.0A Output Current at V IN =3V
 Quiescent Current: 60μA (input <
 Slope Compensated Current Mode Control for
Excellent Line and Load Transient Response
 Robust protection features, OCP, SCP, TSD
 100% Duty Cycle in Dropout
 Shutdown Current <1uA
 Internal Soft start Circuitry
 Available in SOT 2 5 and SOT 26 p ackag e s

APPLICATION
 Set Top Box , Cable Modem, xDSL Platforms
 LCD TV Power Supply & Metering Platforms
 General Purpose Point of Load (POL)
 Portable Instruments , Notebook Computer
 Battery Powered Equipment
 Wireless Access Point Router
 Microprocessors and DSP Core Supplies
 Digital Still and Video Cameras




Similar Part No. - A7121A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A7121 AMICC-A7121 Datasheet
127Kb / 2P
2.4GHz GFSK Transceiver
More results


Similar Description - A7121A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
1MHz 3A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Richtek Technology Corp...
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com