Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4612 Datasheet (PDF) - Shenzhen Tuofeng Semiconductor Technology Co

4612 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co
Part # 4612
Download  4612 Download
File Size   4429.11 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N and P-Channel Enhancement Mode Power MOSFET

4612 Datasheet (PDF)

Go To PDF Page Download Datasheet
4612 Datasheet PDF - Shenzhen Tuofeng Semiconductor Technology Co

Part # 4612
Download  4612 Click to download

File Size   4429.11 Kbytes
Page   8 Pages
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co
Description N and P-Channel Enhancement Mode Power MOSFET

4612 Datasheet (HTML) - Shenzhen Tuofeng Semiconductor Technology Co


4612 Product details

Description
The 4612 uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.

General Features
● N-Channel
VDS = 60V,ID =4.5A
RDS(ON) < 55mΩ @ VGS=10V
● P-Channel
VDS = -30V,ID = -4.9A
RDS(ON) < 70mΩ @ VGS=-10V
RDS(ON) < 90mΩ @ VGS=-4.5V
● High power and current handing capability
● Lead free product is acquired
● Surface mount package




Similar Part No. - 4612

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4612 FESTO-4612 Datasheet
84Kb / 1P
Air solenoid valve
logo
List of Unclassifed Man...
4612 ETC-4612 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
logo
Heyco.
4612 HEYCO-4612 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
4612 HEYCO-4612 Datasheet
87Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Bourns Electronic Solut...
4612-RC BOURNS-4612-RC Datasheet
108Kb / 1P
Varnished Chokes
More results


Similar Description - 4612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com