Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA09A Datasheet (PDF) - Cirrus Logic

PA09A Datasheet PDF - Cirrus Logic
Part # PA09A
Download  PA09A Download
File Size   281.56 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description VIDEO POWER OPERATIONAL AMPLIFIERS

PA09A Datasheet (PDF)

Go To PDF Page Download Datasheet
PA09A Datasheet PDF - Cirrus Logic

Part # PA09A
Download  PA09A Click to download

File Size   281.56 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description VIDEO POWER OPERATIONAL AMPLIFIERS

PA09A Datasheet (HTML) - Cirrus Logic


PA09A Product details

DESCRIPTION
The PA09 is a high voltage, high output current operational amplifier optimized to drive a variety of loads from DC through the video frequency range. Excellent input accuracy is achieved with a dual monolithic FET input transistor which is cascoded by two high voltage transistors to provide outstanding common mode characteristics. All internal current and voltage levels are referenced to a zener diode biased on by a current source. As a result, the PA09 exhibits superior DC and AC stability over a wide supply and temperature range.
 
FEATURES
• POWER MOS TECHNOLOGY — 2A peak rating
• HIGH GAIN BANDWIDTH PRODUCT — 150MHz
• VERY FAST SLEW RATE — 200V/µs
• PROTECTED OUTPUT STAGE — Thermal shutoff
• EXCELLENT LINEARITY — Class A/B output
• WIDE SUPPLY RANGE — ±12V to ±40V
• LOW BIAS CURRENT, LOW NOISE — FET input

APPLICATIONS
• VIDEO DISTRIBUTION AND AND AMPLIFICATION
• HIGH SPEED DEFLECTION CIRCUITS
• POWER TRANSDUCERS TO 2MHz
• COAXIAL LINE DRIVERS
• POWER LED OR LASER DIODE EXCITATION




Similar Part No. - PA09A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA09A CIRRUS-PA09A Datasheet
222Kb / 6P
Power Operational Amplifier
More results


Similar Description - PA09A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA19 APEX-PA19 Datasheet
289Kb / 5P
VIDEO POWER OPERATIONAL AMPLIFIERS
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
logo
Analog Devices
HOS-050 AD-HOS-050_15 Datasheet
2Mb / 7P
FAST SETTLING VIDEO OPERATIONAL AMPLIFIERS
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com