Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1721AT Datasheet (PDF) - NXP Semiconductors

TEA1721AT Datasheet PDF - NXP Semiconductors
Part # TEA1721AT_V01
Download  TEA1721AT Download
File Size   202.01 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency

TEA1721AT Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA1721AT Datasheet PDF - NXP Semiconductors

Part # TEA1721AT_V01
Download  TEA1721AT Click to download

File Size   202.01 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HV start-up flyback controller with integrated MOSFET for 5 W applications, 430 Hz burst frequency

TEA1721AT Datasheet (HTML) - NXP Semiconductors


TEA1721AT Product details

General description
The TEA1721 is a small and low cost module Switched Mode Power Supply (SMPS)
controller IC for low power applications (up to 5 W) and operates directly from the rectified
universal mains input. The device includes a high voltage power switch (700 V) and has
been optimized for flyback converter topologies to provide high-efficiency over the entire
load range with ultra-low power consumption in the no-load condition. It provides a circuit
for start-up directly from the rectified mains voltage without any external bleeder circuits.
The converter operates as a regulated voltage source from no-load up to the maximum
output current and operates as current source that delivers the maximum current over a
broad output voltage range. Using the TEA1721, a low power converter can be built at
minimum cost and with the minimum number of external components.
The controller regulates the output voltage with primary-side sensing which eliminates the
need for an additional secondary feedback circuitry and simplifies the design. At higher
power levels, a frequency and current control mode is used. It operates with Burst mode
control at low power levels and no-load condition. The burst mode minimizes audible
noise and provides an energy saver state which reduces the power consumption in
no-load condition. The Burst mode frequency of 430 Hz enables no-load power
consumption below < 10 mW at high mains input.

Features and benefits
Power features:
 Low power SMPS controller with integrated power switch designed for applications up
to 5 W
 700 V high voltage power switch for global mains operation
 Primary sensing for control of the output voltage without optocoupler and secondary
feedback circuitry
 Minimizes audible noise in all operation modes
 USB battery charging and Energy Star 2.0 compliant
 Jitter function for reduced EMI
Green features:
 Enables no-load power consumption below < 10 mW
 Very low supply current in no-load condition with energy saver mode
 Incorporates a high voltage start-up circuit with zero current consumption under
normal switching operation
 Available in halogen-free and Restriction of Hazardous Substances (RoHS) SO7
package
Protective functions:
 OverVoltage Protection (OVP) on Feedback control (FB) pin with auto-restart
 UnderVoltage LockOut (UVLO) protection on IC supply pin
 OverTemperature Protection (OTP)
 Soft-start by reduced peak current for zero and low output voltage
 Demagnetization protection for guaranteed discontinuous conduction mode operation
 Open and short-circuit protection of the Feedback control (FB) pin
 Short-circuit protection of the charger output




Similar Part No. - TEA1721AT_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1721AT-N1 PHILIPS-TEA1721AT-N1 Datasheet
142Kb / 14P
Ultra-low standby SMPS controller with integrated power switch
Rev. 1-24 January 2012
More results


Similar Description - TEA1721AT_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1721BT NXP-TEA1721BT Datasheet
202Kb / 14P
HV start-up flyback controller with integrated MOSFET for 5 W applications, 905 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1723FT PHILIPS-TEA1723FT Datasheet
252Kb / 14P
HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723DT PHILIPS-TEA1723DT Datasheet
252Kb / 14P
HV start-up flyback controller with integrated MOSFET for 11 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1723BT PHILIPS-TEA1723BT Datasheet
252Kb / 14P
HV start-up flyback controller with integrated MOSFET for 11 W applications, 905 Hz burst frequency
Rev. 2.2-7 June 2012
TEA1723AT PHILIPS-TEA1723AT Datasheet
252Kb / 14P
HV start-up flyback controller with integrated MOSFET for 11 W applications, 430 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1721FT PHILIPS-TEA1721FT Datasheet
201Kb / 14P
HV start-up flyback controller with integrated MOSFET for 5 W applications, 1750 Hz burst frequency
Rev. 1.1-7 June 2012
TEA1721DT PHILIPS-TEA1721DT Datasheet
202Kb / 14P
HV start-up flyback controller with integrated MOSFET for 5 W applications, 1270 Hz burst frequency
Rev. 2.1-7 June 2012
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com