Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JK1AP-18V Datasheet (PDF) - Nais(Matsushita Electric Works)

JK1AP-18V Datasheet PDF - Nais(Matsushita Electric Works)
Part # JK1AP-18V
Download  JK1AP-18V Download
File Size   54.31 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description SLIM TYPE POWER RELAY

JK1AP-18V Datasheet (PDF)

Go To PDF Page Download Datasheet
JK1AP-18V Datasheet PDF - Nais(Matsushita Electric Works)

Part # JK1AP-18V
Download  JK1AP-18V Click to download

File Size   54.31 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description SLIM TYPE POWER RELAY

JK1AP-18V Datasheet (HTML) - Nais(Matsushita Electric Works)


JK1AP-18V Product details

FEATURES
• Compact & Slim design: 11.0 mm (length) × 21.4 mm (width) × 15.7 mm (height)
   (.433×.843×.618 inch)
• High capacity type (8 A) available
• Surge resistance: Min. 8,000 V between contact and coil
• High sensitivity: 200 mW nominal operating power
• Sealed type available
• VDE, TÜV, SEMKO also approved

TYPICAL APPLICATIONS
• Home appliances
   Microwave ovens, Air conditioners
• Office equipment
   Photocopiers, Facsimiles
• Industrial machines
   NC machines




Similar Part No. - JK1AP-18V

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JK11AY04PH1 JAE-JK11AY04PH1 Datasheet
123Kb / 3P
High current connector, for Railway Vehicles, Waterproof, Lever mating system, Pin contact, AWG#1,#6, Receptacle
JK11DY04SH1 JAE-JK11DY04SH1 Datasheet
147Kb / 3P
High current connector, for Railway Vehicles, Waterproof, Lever mating system, Pin contact, AWG#1, Plug
logo
HuaXinAn Electronics CO...
JK130-010 HUAXINAN-JK130-010 Datasheet
366Kb / 5P
Resettable Fuse PTC 130V Series
logo
HUAAN LIMITED
JK130-010 HUAAN-JK130-010 Datasheet
176Kb / 2P
Resettable Fuse PTC 130V Series
logo
HuaXinAn Electronics CO...
JK130-015 HUAXINAN-JK130-015 Datasheet
366Kb / 5P
Resettable Fuse PTC 130V Series
More results


Similar Description - JK1AP-18V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
LKS1AF-12 NAIS-LKS1AF-12 Datasheet
46Kb / 3P
250 mW Slim Power Relay
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
THE SLIM POWER RELAY
logo
Omron Electronics LLC
G2RV OMRON-G2RV Datasheet
852Kb / 12P
Slim Relay
logo
fujitsu semiconductor
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
List of Unclassifed Man...
202HT ETC2-202HT Datasheet
99Kb / 3P
Slim PCB Miniature Power Relay.
logo
Panasonic Semiconductor
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com