Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLS9G2934LS-400 Datasheet (PDF) - Ampleon Netherlands B.V.

BLS9G2934LS-400 Datasheet PDF - Ampleon Netherlands B.V.
Part # BLS9G2934LS-400
Download  BLS9G2934LS-400 Download
File Size   1371.74 Kbytes
Page   13 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS S-band radar power transistor

BLS9G2934LS-400 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLS9G2934LS-400 Datasheet PDF - Ampleon Netherlands B.V.

Part # BLS9G2934LS-400
Download  BLS9G2934LS-400 Click to download

File Size   1371.74 Kbytes
Page   13 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description LDMOS S-band radar power transistor

BLS9G2934LS-400 Datasheet (HTML) - Ampleon Netherlands B.V.


BLS9G2934LS-400 Product details

General description
Single ended 400 W LDMOS power transistor for S-band radar applications in the
frequency range from 2.9 GHz to 3.4 GHz.
Features and benefits
 Single ended
 Small size
 High efficiency
 Excellent ruggedness
 Designed for S-band operation
 Excellent thermal stability
 Easy power control
 Integrated dual sided ESD protection enables excellent off-state isolation
 High flexibility with respect to pulse formats
 Internally matched for ease of use
 Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
Applications
 S-band radar applications in the frequency range 2.9 GHz to 3.4 GHz




Similar Part No. - BLS9G2934LS-400

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2729LS-350 AMPLEON-BLS9G2729LS-350 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2731LS-400 AMPLEON-BLS9G2731LS-400 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2735L-50 AMPLEON-BLS9G2735L-50 Datasheet
1Mb / 14P
LDMOS S-band radar power transistor
Rev. 1 ??6 October 2017
More results


Similar Description - BLS9G2934LS-400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
LDMOS S-band radar power transistor
Rev. 01-11 December 2008
BLS6G2731S-130 PHILIPS-BLS6G2731S-130_15 Datasheet
143Kb / 12P
LDMOS S-band radar power transistor
Rev. 2-18 November 2010
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS6G3135-120 PHILIPS-BLS6G3135-120_15 Datasheet
84Kb / 12P
LDMOS S-Band radar power transistor
Rev. 02-29 May 2008
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
LDMOS S-band radar power transistor
Rev. 5-16 May 2014
BLS7G2933S-150 PHILIPS-BLS7G2933S-150_15 Datasheet
129Kb / 12P
LDMOS S-band radar power transistor
Rev. 2-23 February 2011
BLS7G3135LS-200 PHILIPS-BLS7G3135LS-200_15 Datasheet
138Kb / 10P
LDMOS S-band radar power transistor
Rev. 2-23 September 2013
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com