Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAMD20G18 Datasheet (PDF) - Microchip Technology

ATSAMD20G18 Datasheet PDF - Microchip Technology
Part # ATSAMD20G18
Download  ATSAMD20G18 Download
File Size   6298.83 Kbytes
Page   731 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM

ATSAMD20G18 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAMD20G18 Datasheet PDF - Microchip Technology

Part # ATSAMD20G18
Download  ATSAMD20G18 Click to download

File Size   6298.83 Kbytes
Page   731 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM

ATSAMD20G18 Datasheet (HTML) - Microchip Technology


ATSAMD20G18 Product details

Features
Operating Conditions
• 1.62V – 3.63V, -40°C to +85°C, DC up to 48 MHz
• 1.62V – 3.63V, -40°C to +105°C, DC up to 32 MHz
• 2.7V – 3.63V, -40°C to +125°C Extended Temperature with compliance to AEC-Q100, DC up to 32MHz

Core
• Arm® Cortex®-M0+ CPU running at up to 48 MHz
– Single-cycle hardware multiplier

Memories
• 16/32/64/128/256 KB in-system self-programmable Flash
• 2/4/8/16/32 KB SRAM

System
• Power-on Reset (POR) and Brown-out Detection (BOD)
• Internal and external clock options with 48 MHz Digital Frequency Locked Loop (DFLL48M)
• External Interrupt Controller (EIC)
• Up to 16 external interrupts
• One non-maskable interrupt
• Two-pin Serial Wire Debug (SWD) programming, test and debugging interface

Low-Power
• Idle and Stand-by Sleep modes
• SleepWalking peripherals

Peripherals
• 8-channel Event System
• Up to eight 16-bit Timer/Counters (TC), configurable as:
– One 16-bit TC with two compare/capture channels
– One 8-bit TC with two compare/capture channels
– One 32-bit TC with two compare/capture channels, by using two TCs
• 32-bit Real Time Counter (RTC) with clock/calendar function
• Watchdog Timer (WDT)
• CRC-32 generator
• Up to six Serial Communication Interfaces (SERCOM), each configurable to operate as either:
– USART with full-duplex and single-wire half-duplex configuration
– Inter-Integrated Circuit (I2C) up to 400 kHz
– Serial Peripheral Interface (SPI)
• One 12-bit, 350 ksps Analog-to-Digital Converter (ADC) with up to 20 channels
– Differential and single-ended input
– 1/2x to 16x programmable gain stage
– Automatic offset and gain error compensation
– Oversampling and decimation in hardware to support 13-bit, 14-bit, 15-bit, or 16-bit resolution
• 10-bit, 350 ksps Digital-to-Analog Converter (DAC)
• Two Analog Comparators (AC) with Window Compare function
• Peripheral Touch Controller (PTC)
– Up to 256-channel capacitive touch and proximity sensing

I/O
• Up to 52 programmable I/O pins

Packages
• 64-pin TQFP, VQFN
• 64-ball UFBGA (not available in grades Extended Temperature and AEC-QA100)
• 48-pin TQFP, VQFN
• 45-ball WLCSP (not available in grades Extended Temperature and AEC-QA100)
• 32-pin TQFP, VQFN
• 27-ball WLCSP (not available in grades Extended Temperature and AEC-QA100)

Power Consumption
• Power Consumption
– Down to 50 μA/MHz in Active mode
– Down to 8 μA running the PTC




Similar Part No. - ATSAMD20G18

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMD20G18A-AU ATMEL-ATSAMD20G18A-AU Datasheet
673Kb / 25P
ARM-Based Microcontroller
ATSAMD20G18A-AUT ATMEL-ATSAMD20G18A-AUT Datasheet
673Kb / 25P
ARM-Based Microcontroller
ATSAMD20G18A-MU ATMEL-ATSAMD20G18A-MU Datasheet
673Kb / 25P
ARM-Based Microcontroller
ATSAMD20G18A-MUT ATMEL-ATSAMD20G18A-MUT Datasheet
673Kb / 25P
ARM-Based Microcontroller
More results


Similar Description - ATSAMD20G18

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C00 NXP-LPC11C00 Datasheet
290Kb / 2P
NXP 50-MHz, 32-bit Cortex-M0??MCUs
January 2011
logo
TALEMA Group. LLC
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
NXP Semiconductors
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
logo
Microchip Technology
SAM-L10 MICROCHIP-SAM-L10 Datasheet
9Mb / 1127P
Ultra Low-Power, 32-bit Cortex-M23 MCUs with TrustZone, Crypto, and Enhanced PTC
2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com